Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 28 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 28 Page - Intel Corporation

Back Button 82801E Datasheet HTML 24Page - Intel Corporation 82801E Datasheet HTML 25Page - Intel Corporation 82801E Datasheet HTML 26Page - Intel Corporation 82801E Datasheet HTML 27Page - Intel Corporation 82801E Datasheet HTML 28Page - Intel Corporation 82801E Datasheet HTML 29Page - Intel Corporation 82801E Datasheet HTML 30Page - Intel Corporation 82801E Datasheet HTML 31Page - Intel Corporation 82801E Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
Intel® 82801E C-ICH
28
Advance Information Datasheet
GPIO[24]
I/O
Can be input or output. Main power well.
GPIO[25]
I/O
Can be input or output. Main power well. Not Muxed.
GPIO[26]
I/O
Not implemented.
GPIO[28:27]
I/O
Can be input or output. Main power well. Unmuxed.
GPIO[31:29]
O
Not implemented.
HL[11:0]
I/O
Hub Interface Signals
HL_STB
I/O
Hub Interface Strobe: One of two differential strobe signals used to transmit
and receive data through the hub interface.
HL_STB#
I/O
Hub Interface Strobe Complement: Second of the two differential strobe
signals.
HLCOMP
I/O
Hub Interface Compensation: Used for hub interface buffer compensation.
HUBREF
0.9 V reference for the hub interface.
IGNNE#
O
Ignore Numeric Error: This signal is connected to the ignore error pin on the
processor. IGNNE# is only used if the 82801E C-ICH coprocessor error
reporting function is enabled in the General Control Register (Device
31:Function 0, Offset D0, bit 13). When FERR# is active, indicating a
coprocessor error, a write to the Coprocessor Error Register (F0h) causes the
IGNNE# to be asserted. IGNNE# remains asserted until FERR# is negated. If
FERR# is not asserted when the Coprocessor Error Register is written, the
IGNNE# signal is not asserted.
Speed Strap: During the reset sequence, 82801E C-ICH drives IGNNE# high
if the corresponding bit is set in the FREQ_STRP register.
INIT#
O
Initialization: INIT# is asserted by the 82801E C-ICH for 16 PCI clocks to
reset the processor. 82801E C-ICH can be configured to support processor
BIST. In that case, INIT# will be active when PCIRST# is active.
INTR
O
Processor Interrupt: INTR is asserted by the 82801E C-ICH to signal the
processor that an interrupt request is pending and needs to be serviced. It is
an asynchronous output and normally driven low.
Speed Strap: During the reset sequence, 82801E C-ICH drives INTR high if
the corresponding bit is set in the FREQ_STRP register.
INTRUDER#
I
Intruder Detect: This signal can be set to disable system if box detected
open. This signal’s status is readable, so it can be used like a GPI if the
Intruder Detection is not needed.
IRDY#
I/O
Initiator Ready: IRDY# indicates the 82801E C-ICH's ability, as an Initiator,
to complete the current data phase of the transaction. It is used in conjunction
with TRDY#. A data phase is completed on any clock both IRDY# and TRDY#
are sampled asserted. During a write, IRDY# indicates the 82801E C-ICH has
valid data present on AD[31:0]. During a read, it indicates the 82801E C-ICH
is prepared to latch data. IRDY# is an input to the 82801E C-ICH when the
82801E C-ICH is the Target and an output from the 82801E C-ICH when the
82801E C-ICH is an Initiator. IRDY# remains tri-stated by the 82801E C-ICH
until driven by an Initiator.
IRQ[14:15]
I
Interrupt Request 14:15: These interrupt inputs are connected to the IDE
drives. IRQ14 is used by the drives connected to the primary controller and
IRQ15 is used by the drives connected to the secondary controller.
LAD[3:0]
/FWH[3:0]
I/O
LPC Multiplexed Command, Address, Data: Internal pull-ups are provided.
LAN0_CLK
LAN1_CLK
I
LAN Interface Clock: This signal is driven by the LAN Connect component.
The frequency range is 0.8 MHz to 50 MHz.
LAN0_RSTSYNC
LAN1_RSTSYNC
O
LAN Reset/Sync: The LAN Connect component’s Reset and Sync signals
are multiplexed onto this pin.
Table 6.
82801E C-ICH Signal Description (Sheet 4 of 11)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com