Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 39 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82801E Datasheet HTML 35Page - Intel Corporation 82801E Datasheet HTML 36Page - Intel Corporation 82801E Datasheet HTML 37Page - Intel Corporation 82801E Datasheet HTML 38Page - Intel Corporation 82801E Datasheet HTML 39Page - Intel Corporation 82801E Datasheet HTML 40Page - Intel Corporation 82801E Datasheet HTML 41Page - Intel Corporation 82801E Datasheet HTML 42Page - Intel Corporation 82801E Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
39
GNT[3:0]#
/GNT[5]#
/GNT[B]#
/GPIO[17]#
O
PCI Grants: The 82801E C-ICH supports up to four masters on the PCI bus.
Pull-up resistors are not required on these signals. If pullups are used, they should
be tied to the Vcc3_3 power rail. GNT[B]#/GNT[5]#/GPIO[17] has an internal
pull-up.
PCICLK
I
PCI Clock: This is a 33 MHz clock. PCICLK provides timing for all transactions on
the PCI Bus.
PCIRST#
O
PCI Reset: 82801E C-ICH asserts PCIRST# to reset devices that reside on the PCI
bus. The 82801E C-ICH asserts PCIRST# during power-up and when S/W initiates
a hard reset sequence through the RC (CF9h) register. The 82801E C-ICH drives
PCIRST# inactive a minimum of 1 ms after PWROK is driven active. The 82801E
C-ICH drives PCIRST# active a minimum of 1 ms when initiated through the RC
register.
PLOCK#
I/O
PCI Lock: PLOCK# indicates an exclusive bus operation and may require multiple
transactions to complete. 82801E C-ICH asserts PLOCK# when it performs
non-exclusive transactions on the PCI bus.
SERR#
I
System Error: SERR# can be pulsed active by any PCI device that detects a
system error condition. Upon sampling SERR# active, the 82801E C-ICH has the
ability to generate an NMI, SMI#, or interrupt.
REQ[A]#
/GPIO[0]
REQ[B]#
/REQ[5]#
/GPIO[1]
I
PC/PCI DMA Request [A:B]: This request serializes ISA-like DMA Requests for
the purpose of running ISA-compatible DMA cycles over the PCI bus. This is used
by devices such as PCI-based Super I/O or audio codecs that need to perform
legacy 8237 DMA but have no ISA bus.
When not used for PC/PCI requests, these signals can be used as General
Purpose Inputs. Instead, REQ[B]# can be used as the fifth PCI bus request.
GNT[A]#
/GPIO[16]
GNT[B]#
/GNT[5]#
/GPIO[17]
O
PC/PCI DMA Acknowledges [A:B]: This grant serializes an ISA-like DACK# for
the purpose of running DMA/ISA master cycles over the PCI bus. This is used by
devices such as PCI-based Super/IO or audio codecs which need to perform
legacy 8237 DMA but have no ISA bus.
When not used for PC/PCI, these signals can be used as General Purpose
Outputs. GNTB# can also be used as the fifth PCI bus master grant output. These
signal have internal pull-up resistors.
Table 11. PCI Interface Signals (Sheet 3 of 3)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com