Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 48 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 48 Page - Intel Corporation

Back Button 82801E Datasheet HTML 44Page - Intel Corporation 82801E Datasheet HTML 45Page - Intel Corporation 82801E Datasheet HTML 46Page - Intel Corporation 82801E Datasheet HTML 47Page - Intel Corporation 82801E Datasheet HTML 48Page - Intel Corporation 82801E Datasheet HTML 49Page - Intel Corporation 82801E Datasheet HTML 50Page - Intel Corporation 82801E Datasheet HTML 51Page - Intel Corporation 82801E Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
Intel® 82801E C-ICH
48
Advance Information Datasheet
3.2.20
Power and Ground
GPIO[21]
O
Fixed as Output only. Main power well.
GPIO[20:18]
O
Fixed as Output only. Main power well.
GPIO[17:16]
O
Fixed as Output only. Main Power Well. Can instead be used for PC/PCI
GNT[A:B]#. GPIO[17] can also alternatively be used for PCI GNT[5]#. Integrated
pull-up resistor.
GPIO[15:14]
I
Not implemented.
GPIO[13:12]
I
Fixed as Input only. Main Power Well. Not muxed.
GPIO[11]
I
Fixed as Input only. Main Power Well. Can instead be used for SMBALERT#.
GPIO[10:9]
I
Not implemented.
GPIO[8]
I
Fixed as Input only. Main Power Well. Not muxed.
GPIO[7]
I
Fixed as Input only. Main power well. Not muxed.
GPIO[6]
I
Fixed as Input only. Main power well.
GPIO[5:4]
I
Fixed as Input only. Main power well. Can be used instead as PIRQ[G:H]#.
GPIO[3:2]
Reserved.
GPIO[1:0]
I
Fixed as Input only. Main Power Well. Can instead be used for PC/PCI
REQ[A:B]#. GPIO[1] can also alternatively be used for PCI REQ[5]#.
Table 26. Power and Ground Signals
Name
Description
HUBREF
0.9 V reference for the hub interface.
V5REF
Reference for 5 V tolerance on Core well inputs.
VBIAS
RTC well bias voltage. The DC reference voltage applied to this pin sets a current that is
mirrored throughout the oscillator and buffer circuitry. See “External RTC Circuitry” on
page 50.
Vcc1_8
1.8 V supply for Core well logic.
Vcc3_3
3.3 V supply for Core well I/O buffers.
VccRTC
3.3 V (can drop to 2.0 V min. in G3 state) supply for the RTC well. This power is not
expected to be shut off unless the RTC battery is removed or completely drained.
NOTE: Implementations should not attempt to clear CMOS by using a jumper to pull
VccRTC low. Clearing CMOS in an 82801E C-ICH-based platform can be done
by using a jumper on RTCRST# or GPI, or using SAFEMODE strap.
V_CPU_IO
Powered by the same supply as the processor I/O voltage. This supply is used to drive the
processor interface outputs.
Vss
Ground.
Table 25. General Purpose I/O Signals (Sheet 2 of 2)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com