Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 29 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 29 Page - Intel Corporation

Back Button 82801E Datasheet HTML 25Page - Intel Corporation 82801E Datasheet HTML 26Page - Intel Corporation 82801E Datasheet HTML 27Page - Intel Corporation 82801E Datasheet HTML 28Page - Intel Corporation 82801E Datasheet HTML 29Page - Intel Corporation 82801E Datasheet HTML 30Page - Intel Corporation 82801E Datasheet HTML 31Page - Intel Corporation 82801E Datasheet HTML 32Page - Intel Corporation 82801E Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
29
LAN0_RXD[2:0]
LAN1_RXD[2:0]
I
Received Data: The LAN Connect component uses these signals to transfer
data and control information to the integrated LAN Controller. These signals
have integrated weak pull-up resistors.
LAN0_TXD[2:0]
LAN1_TXD[2:0]
O
Transmit Data: The integrated LAN Controller uses these signals to transfer
data and control information to the LAN Connect component.
LDRQ[1:0]#
I
LPC Serial DMA/Master Request Inputs: These signals are used to request
DMA or bus master access. Typically, they are connected to external Super
I/O device. An internal pull-up resistor is provided on these signals.
LFRAME#
/FWH[4]
O
LPC Frame: LFRAME# indicates the start of an LPC cycle, or an abort.
NC[10:1]
—
No Connect. Do not connect these pins.
Optional: NC[10:6, 3:1] can be routed to a test point for use in manufacturing
NAND tree testing.
NMI
O
Non-Maskable Interrupt: NMI is used to force a non-maskable interrupt to
the processor. The 82801E C-ICH can generate an NMI when either SERR#
or IOCHK# is asserted. The processor detects an NMI when it detects a rising
edge on NMI. NMI is reset by setting the corresponding NMI source
enable/disable bit in the NMI Status and Control Register.
Speed Strap: During the reset sequence, 82801E C-ICH drives NMI high if
the corresponding bit is set in the FREQ_STRP register.
OC[1:0]#
I
Overcurrent Indicators: These signals set corresponding bits in the USB
controllers to indicate that an overcurrent condition has occurred.
PAR
I/O
Calculated/Checked Parity: PAR uses “even” parity calculated on 36 bits,
AD[31:0] plus C/BE[3:0]#. “Even” parity means that the 82801E C-ICH counts
the number of 1s within the 36 bits plus PAR and the sum is always even. The
82801E C-ICH always calculates PAR on 36 bits, regardless of the valid byte
enables. The 82801E C-ICH generates PAR for address and data phases and
only guarantees PAR to be valid one PCI clock after the corresponding
address or data phase. The 82801E C-ICH drives and tri-states PAR
identically to the AD[31:0] lines except that the 82801E C-ICH delays PAR by
exactly one PCI clock. PAR is an output during the address phase (delayed
one clock) for all 82801E C-ICH initiated transactions. PAR is an output
during the data phase (delayed one clock) when the 82801E C-ICH is the
Initiator of a PCI write transaction, and when it is the target of a read
transaction. 82801E C-ICH checks parity when it is the target of a PCI write
transaction. If a parity error is detected, the 82801E C-ICH sets the
appropriate internal status bits, and has the option to generate an NMI# or
SMI#.
PCICLK
I
PCI Clock: This is a 33 MHz clock. PCICLK provides timing for all
transactions on the PCI Bus.
PCIRST#
O
PCI Reset: 82801E C-ICH asserts PCIRST# to reset devices that reside on
the PCI bus. The 82801E C-ICH asserts PCIRST# during power-up and when
S/W initiates a hard reset sequence through the RC (CF9h) register. The
82801E C-ICH drives PCIRST# inactive a minimum of 1 ms after PWROK is
driven active. The 82801E C-ICH drives PCIRST# active a minimum of 1 ms
when initiated through the RC register.
PDA[2:0]
O
Primary IDE Device Address: These output signals are connected to the
corresponding signals on the primary IDE connector. They are used to
indicate which byte in either the ATA command block or control block is being
addressed.
PDCS1#
O
Primary IDE Device Chip Selects for 100 Range: This signal is for the ATA
command register block. This output signal is connected to the corresponding
signal on the primary IDE connector.
Table 6.
82801E C-ICH Signal Description (Sheet 5 of 11)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com