Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801E Datasheet(PDF) 34 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 34 Page - Intel Corporation

Back Button 82801E Datasheet HTML 30Page - Intel Corporation 82801E Datasheet HTML 31Page - Intel Corporation 82801E Datasheet HTML 32Page - Intel Corporation 82801E Datasheet HTML 33Page - Intel Corporation 82801E Datasheet HTML 34Page - Intel Corporation 82801E Datasheet HTML 35Page - Intel Corporation 82801E Datasheet HTML 36Page - Intel Corporation 82801E Datasheet HTML 37Page - Intel Corporation 82801E Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
Intel® 82801E C-ICH
34
Advance Information Datasheet
SIU0_RTS#
SIU1_RTS#
O
Request To Send for UART0 and UART1: When low these pins informs the
modem or data set that CICH UART 0, 1 are ready to establish a
communication link. The RTS#x(x=0,1) output signals can be set to an active
low by programming the RTSx (x-0,1) (bit1) of the Modem control register to a
logic ‘1’. A Reset operation sets this signal to its inactive state (logic ‘1’).
LOOP mode operation holds this signal in its inactive state.
SIU0_RXD
SIU1_RXD
I
Serial Input for UART0 and UART1: Serial data input from device pin to the
receive port.
SIU0_TXD
SIU1_TXD
O
Serial Output for UART0 and UART1: Serial data output to the
communication peripheral/modem or data set. Upon reset, the TXD pins will
be set to MARKING condition (logic ‘1’ state).
SMBALERT#
/GPIO[11]
I
SMBus Alert: This signal is used to wake the system or generate an SMI#. If
not used for SMBALERT#, it can be used as a GPI.
SMBCLK
I/OD
SMBus Clock: External pull-up is required.
SMBDATA
I/OD
SMBus Data: External pull-up is required.
SMI#
O
System Management Interrupt: SMI# is an active low output synchronous
to PCICLK. It is asserted by the 82801E C-ICH in response to one of many
enabled hardware or software events.
SMLINK[1:0]
I/OD
System Management Link: These signals are an SMBus link to an optional
external system management ASIC or LAN controller. External pull-ups are
required.
NOTE: SMLINK[0] corresponds to an SMBus Clock signal and SMLINK[1]
corresponds to an SMBus Data signal.
SPKR
O
Speaker: The SPKR signal is the output of counter 2 and is internally ANDed
with Port 61h bit 1 to provide Speaker Data Enable. This signal drives an
external speaker driver device, which in turn drives the system speaker. Upon
PCIRST#, its output state is 1.
NOTE: SPKR is sampled at the rising edge of PWROK as a functional strap.
See “Functional Straps” on page 49 for more details.
STOP#
I/O
Stop: STOP# indicates that the 82801E C-ICH, as a Target, is requesting the
Initiator to stop the current transaction. STOP# causes the 82801E C-ICH, as
an Initiator, to stop the current transaction. STOP# is an output when the
82801E C-ICH is a target and an input when the 82801E C-ICH is an Initiator.
STOP# is tri-stated from the leading edge of PCIRST#. STOP# remains
tri-stated until driven by the 82801E C-ICH.
STPCLK#
O
Stop Clock Request: STPCLK# is an active low output synchronous to
PCICLK. It is asserted by the 82801E C-ICH in response to one of many
hardware or software events. When the processor samples STPCLK#
asserted, it responds by stopping its internal clock.
SUSCLK
O
Suspend Clock: This signal is an output of the RTC generator circuit and is
used by other chips for the refresh clock.
THRM#
I
Thermal Alarm: THRM# is an active low signal generated by external
hardware to start the hardware clock throttling mode. This signal can also
generate an SMI# or an SCI.
TP[3:0]
I
Test Points:
TP0: This signal must have an external pull-up to Vcc3_3.
TP1: Route to a test point with option to jumper to Vcc1_8. Used for NAND
tree testing. Otherwise jumper to Vcc1_8.
TP2 and TP3: Route to a test point with option to jumper to VSS. Used for
NAND tree testing. Otherwise jumper to VSS.
Table 6.
82801E C-ICH Signal Description (Sheet 10 of 11)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com