Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1237 Datasheet(PDF) 6 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CS1237
Description  24-bit Sigma-Delta ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1237 Datasheet(HTML) 6 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CS1237 Datasheet HTML 2Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 3Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 4Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CS1237
R
Re
ev
v..1
1..1
1
第
第 66 页
页,
,共
共 1199 页
页
1.3
芯片基本结构功能描述
CS1237 是一款高精度、低功耗 Sigma-Delta 模数转换芯片,内置一路 Sigma-Delta
ADC,一路差分输入通道和一路温度传感器,ADC 采用两阶 sigma delta 调制器,通过低噪
声仪用放大器结构实现 PGA 放大,放大倍数可选:1、2、64、128。在 PGA=128 时,有效
分辨率可达 20 位(工作在 5V)。
CS1237 内置 RC 振荡器,无需外置晶振。
CS1237 可以通过
DOUT
DRDY /
和 SCLK 进行多种功能模式的配置,例如用作温度
检测、PGA 选择、ADC 数据输出速率选择等等。
CS1237 具有 Power down 模式。
Internal Oscillator
PGA
VDD
GND
SCLK
DRDY/DOUT
AINP
AINN
ΔΣADC
REFOUT
REFIN
PGA=1\2\64\128
Temp
sensor
Input
Mux
图1 CS1237 原理框图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com