Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1237 Datasheet(PDF) 7 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CS1237
Description  24-bit Sigma-Delta ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1237 Datasheet(HTML) 7 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CS1237 Datasheet HTML 3Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 4Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CS1237
R
Re
ev
v..1
1..1
1
第
第 77 页
页,
,共
共 1199 页
页
1.4
芯片绝对最大极限值
表1 CS1237 极限值
名称
符号
最小
最大
单位
电源电压
VDD
-0.3
6
V
电源瞬间电流
100
mA
电源恒定电流
10
mA
数字管脚输入电压
-0.3
DVDD+0.3
V
数字输出管脚电压
-0.3
DVDD+0.3
V
节温
150
℃
工作温度
-40
85
℃
储存温度
-60
150
℃
芯片管脚焊接温度
240
℃
1.5
CS1237 数字逻辑特性
表2 CS1237 数字逻辑特性
参数
最小
典型
最大
单位
条件说明
VIH
0.7×DVDD
DVDD+0.1
V
VIL
DGND
0.3×DVDD
V
VOH
DVDD-0.4
DVDD
V
Ioh=1mA
VOL
DGND
0.2×DVDD
V
IoL=1mA
IIH
10
μA
VI=DVDD
IIL
-10
μA
VI=DGND
串口时钟SCLK工作频率
1.1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com