Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1237 Datasheet(PDF) 12 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CS1237
Description  24-bit Sigma-Delta ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1237 Datasheet(HTML) 12 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CS1237 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 12Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 13Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 14Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 15Page - Core Technology (Shenzhen) Co., Ltd. CS1237 Datasheet HTML 16Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
CS1237
R
Re
ev
v..1
1..1
1
第
第 1122 页
页,
,共
共 1199 页
页
2.4
时钟信号源
CS1237 使用内置晶振来提供系统所需要的时钟频率,典型值为 5.2MHz。
2.5
复位和断电(POR&power down)
当芯片上电时,内置上电复位电路会产生复位信号,使芯片自动复位。
当 SCLK 从低电平变高电平并保持在高电平超过 100µs,CS1237 即进入 PowerDwon
模式,此时功耗低于 0.1μA。当 SCLK 重新回到低电平时,芯片会重新进入正常工作状
态。
当系统由 Power down 重新进入正常工作模式时,此时所有功能配置为 PowerDown 之
前的状态,不需要进行功能配置。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com