Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 1 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 1 Page - Dorji Industrial Group Co.,Ltd

  DZM5168M-R1 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
1
DZM5168M
2.4-GHz Low Energy Zigbee Module
V1.02
Features:
Frequency Range: 2405~2480MHz
UART Data Interface
Sensitivity: -104dBm
Output Power: 20dBm
High efficient coding & Frequency hopping
High anti-interferences
Two working modes
AT command support
Supply voltage: 2.0~3.6V
Applications
Lighting & Home automation
Toys and gaming peripherals
Sports and leisure equipment
Consumer Electronics
Smart Energy
Remote Control
Sensor Data Logger System
DESCRIPTION
DZM5168M is a type of low energy Zigbee module based on RFIC JN5168 from NXP
Semiconductors, that provides a fully integrated solution for applications using the IEEE802.15.4
standard in the 2.4 - 2.5GHz ISM frequency band [1], including Zigbee PRO, ZigBee Smart
Energy, ZigBee LightLink, RF4CE and JenNet-IP. DZM5168M module integrates PA circuit to
overcome the disadvantage of short distance of JN5168.
The module utilizes the own application protocol and can work two different modes: Transparent
mode and API mode, which can be switched flexibly through AT commands which also can be
used to change the default parameters for higher efficient networking for different applications.
The DZM5168M module integrates PCB antenna so users don’t need to consider RF circuit design
which will shorten the development time.


Similar Description - DZM5168M-R1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
Low Power 2.4 GHz Transceiver for ZigBee
logo
Texas Instruments
CC2480 TI-CC2480_11 Datasheet
953Kb / 48P
Z-Accel 2.4 GHz ZigBee Processor
logo
Skyworks Solutions Inc.
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66109-11 SKYWORKS-SKY66109-11_15 Datasheet
555Kb / 14P
2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11_17 Datasheet
432Kb / 9P
2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
2.4 GHz ZigBee Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com