Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 3 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 3 Page - Dorji Industrial Group Co.,Ltd

  DZM5168M-R1 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
3
SPECIFICATIONS
Symbol
Parameter (condition)
Min.
Typ.
Max.
Units
VCC
Supply Voltage
2.0
3.3
3.6
V
Temp
Operating temperature range
-40
25
80
°C
Freq
Frequency range
2.405
2.48
GHz
IDD_R
RX current in data transmission mode
27
mA
RFRATE
RF data rate
250
kbps
IDD_T
TX current in data transmission mode
130
mA
IDD_S
Current in sleep mode for end device
0.8
uA
Pout
Max. output power
20
dBm
Sen.
Receiver sensitivity
-104
dBm
DL
Light of sight distance
200
meter
Table 2: DZM5168M Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
-0.3
6
V
VI
Input voltage
-0.3
VCC+0.3
V
VO
Output voltage
-0.3
VCC+0.3
V
TST
Storage temperature
-55
125
°C
Table 3: DZM5168M Maximum Ratings
WORKING MECHNISM
DZM5168MM communicates with the host through five pins. The UART data format of
DZM5168MM must be the same as the host. User can reset the module through AT command or
I/O port. Please note that the external reset circuit should be consisted of a 18K resistor and a
470nF capacitor (seeing the connection diagram below). DZM5168MM module works in two
different modes: Transparent mode and API mode which can be switched between them freely by
AT command.
Baud rate
Data bit
Stop bit
Parity check
9.6 kbps
8 bits
1 bit
No
Table 4: DZM5168M Default UART Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com