Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 10 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 10 Page - Dorji Industrial Group Co.,Ltd

Back Button DZM5168M-R1 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 10Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 11Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 12Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 13Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 14Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
10
AT COMMAND
DZM5168M module provides rich AT commands with which users can change the default
parameters or inquiry network status. Users can switch to configuration mode from any of two
working modes by inputting ‘+++’.
Num
Command
Description
Parameters
Default
1
ATAI
Inquiry network status, only for EndDevice
0: in network
1: no network
1
2
ATAP
R/S working mode
0: Transparent
1: API mode
1
3
ATBD
UART data rate
0: 4.8k bps
1: 9.6k bps
2: 19.2k bps
3: 38.4k bps
4: 57.6k bps
5: 115.2k bps
1
4
ATCN
Quit configuration mode
5
ATDS
16-bit targeted module address, 0xFFFF means
broadcasting
0x0000~0xFFFF
0x0001
6
ATCH
Channel number, defined by 802.15.4 protocol
0x0B~0x1A
0x19
7
ATFR
Reset command
8
ATHV
Hardware version
0x0000~0xFFFF
9
ATID
PANID information
0x0000~0xFFFF
0x29AC
10
ATMP
Read the 16-bit short address of father node
0x0000~0xFFFF
11
ATMT
Device type
0: Coordinator
1: Router
2: EndDevice
12
ATMY
Read 16-bit source address
0x0000~0xFFFF
13
ATND
Search node information: 16-bit address of
online node, 64bit address, RSSI and description
string
0~20 ASCII
14
ATNI
R/S module description string
0~20 ASCII
15
ATNO
Select if showing own information in searching
0: not display
1: display
0
16
ATNT
Set limitation time for searching nodes
0x01~0xFC
0x19
17
ATPI
Read actual PANID
0x0000~0xFFFE
18
ATPL
R/W output power
0x00~0x03
0x03
19
ATRE
Restore the factory settings
20
ATRN
Reset network
0: disable
1: enable
0
21
ATRR
Set repeat times for RF transmission failure
3~6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com