Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 5 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 5 Page - Dorji Industrial Group Co.,Ltd

  DZM5168M-R1 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
5
API MODE
This mode is a complimentary of transparent mode. The data will be encapsulated with frame
protocol. In this mode the AT command also can be executed with specified frame protocol. Any
data which is not compliant with frame protocol will be omitted. There are two types of data
obtained through RXD pin:
1.
Data Frame
2.
Command Frame
The data transferred to the host by TXD pin include three types:
1.
Data Frame
2.
Command Response Frame
3.
Other Information Frame
The host also can enable DZM5168M module enter into configuration mode by sending AT
command ‘+++’. If the module responds with OK, it works in configuration mode now. If the
module is in transparent mode, users can let the module enter into configuration mode and execute
AT command: ATAP 1 <CR><LF> to switch the module to API mode.
1). API Frame Structure
Each frame is consisted of four sections: Start Delimiter, Length, Frame Data and
Checksum.
Table 5: Frame Structure in API Mode
Start Delimiter.: It is the start mark of frame, which is fixed as 0x7E.
Length:
It is the effective length of frame data
Frame Data.:
Effective frame data
Checksum:
It is calculated by adding each byte of Frame data and them using 0xFFFF
to subtract one byte of the sum. The Start Delimiter and Length data are
not calculated.
2). Frame Data Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com