Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 15 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 15 Page - Dorji Industrial Group Co.,Ltd

Back Button DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 10Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 11Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 12Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 13Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 14Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 15Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 16Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 17Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
15
24.
ATSL
ATSL is used to read or set the low 32-bit address of IEEE 64-bit address. Please refer to
ATSH for detailed use.
25.
ATSM
This command is only available for EndDevice. It is used to read or set the sleep mode of
EndDevice. The parameter value 1 enables the sleep function. When the EndDevice joins the
network, it keeps searching the network so it will not enter into sleep mode till it joins in a
network. EndDevice only can enter into sleep mode when all of the three conditions below
are met.
EndDevice has joined the network
Sleep mode is enabled
The sleep control pin 9 is logic high
26.
ATSP
This command is used to read or set the time TK of keeping data for EndDevice by its father
nodes (Coordinator or Router). It is also the time for the EndDevice to read data from its
father nodes periodically. If the EndDevice is not able to read data from the father nodes in
this period, the data kept in Coordinator or Router will be cleared away. Therefore this
parameter of EndDevice must be the same as Coordinator or Router.
27.
ATST
ATST is used to read or set the working time TW (or wake-up time) after being activated from
sleep mode. The time TW should not exceed 1/2 of TK in case of disorder. When one period of
TK comes, the module will work for TK and then enters into sleep mode till the next TK.
28.
ATVR
This command is used to read the software version of module.
29.
ATWR
It’s a write command which is used to save the parameters changed by other commands into
nonvolatile memory and make the new parameters available when module is powered on
again.
When the module is powered on, it will read the parameters from the nonvolatile memory.
For the changed parameters, if they are not written into memory, the new parameters will get
lost when the module restarts next time. Please note even though some parameters are saved
into the memory, they only can come into effect at restart next time when some conditions
are met. For example the parameter of commands ATID only comes into effect after
restarting of the module after the commands ATRN and ATWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com