Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 14 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 14 Page - Dorji Industrial Group Co.,Ltd

Back Button DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 10Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 11Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 12Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 13Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 14Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 15Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 16Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 17Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
14
19.
ATRE
This command is used to restore the factory settings of the module. The execution of this
command will result in the loss of network and might affect other information such as PAN
ID, 16-bit address, etc.
20.
ATRN
ATRN is used to read or set if the module resets the network connection at next power-on. If
the parameter is 1, DZM5168M will research the network and apply for joining it when it is
powered on next time. It means the information including PAN ID, channel, 16-bit source
address might be changed after restart.
21.
ATRR
It is to set or read the repeat times of air transmission when it fails. Users can use ATWR to
store this parameter into the memory.
22.
ATSC
ATSC is used to set or read the channel which will be used for searching. The parameter is a
16-bit value. Each bit is corresponding to one channel. If the bit value is 1, it means this
corresponding channel will be searched. If it is 0, this channel will be omitted.
Bit
Channel
Bit
Channel
Bit
Channel
Bit
Channel
Bit0
0x0B
Bit4
0x0F
Bit8
0x13
Bit12
0x17
Bit1
0x0C
Bit5
0x10
Bit9
0x14
Bit13
0x18
Bit2
0x0D
Bit6
0x11
Bit10
0x15
Bit14
0x19
Bit3
0x0E
Bit7
0x12
Bit11
0x16
Bit15
0x1A
Table 17: Bit vs Corresponding Channel Number
For example, if the parameter is 0x0008, the corresponding binary is 0000000000001000b so
the bit3 is set to 1 and corresponding channel 0x0E will be chosen. If there are more than one
bit are set to , the Coordinator will choose one as working channel but for Router or
EndDevice, they will search the multiple channels till they join in one of them.
Users need to execute command ATRN to make the new parameter of command ATSC come
into effect at next power-on of modules and use command ATWR to save the parameter into
the memory.
23.
ATSH
ATSH is used to read or set the high 32-bit address of IEEE 64-bit address. The 64-bit
address of each module is assigned by the RFIC supplier NXP Semiconductor and it is
unique on the earth in order to avoid the disorder of Zigbee network. Therefore it is not
recommended for users to change it. To set the 64-bit address with 0xFFFFFFFF can restore
the address to the factory default setting. The new address comes into effect at the next
power-on after executing ATRN and ATWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com