Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 12 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 12 Page - Dorji Industrial Group Co.,Ltd

Back Button DZM5168M-R1 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 10Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 11Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 12Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 13Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 14Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 15Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 16Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
12
4.
ATCN
It is used to quit configuration mode.
5.
ATDS
It is used to read or set 16-bit of targeted module. This command is only available in
transparent mode. When the targeted address is 0xFFFF in transparent mode, the module will
broadcast the data. If users hope that DZM5168M module still can send the data to the same
targeted address after next power-on, users can use command ATWR to save the parameter.
6.
ATCH
ATCH command is used to read the present wireless channel number. There are 16 channels
available. The modules in the same network must work in the same channel. The channel
number is compliant to protocol 802.15.4. The center frequency=2045+(CH-11D)*5 MHz.
Among which d refers to decimal.
7.
ATFR
It is used to reset the module. When DZM568 receives this command, it will be reset at once
without response.
8.
ATHV
The command is for reading hardware version of module
9.
ATID
ATID is used to read or set PAN (Personal Area Network) ID. The modules only can
communicate when their IDs are the same. Users need to execute ATRN command (ATRN 1)
and ATWR command if new PAN ID is set. When DZM5168M is powered on next time, the
network will be reset and the new PAN ID then comes into effect.
The PAN ID can be set to any value among 0x0000~0xFFFE. If the PAN ID is set to 0xFFFF,
different type of modules will have different reaction.
For Coordinator, it will choose one value among 0x0000~0xFFFE randomly as its
PAN ID when it is powered on.
For Router or EndDevice, they will search the PAN ID of ZigBee network and
change their PAN ID to the same and try to join this network after the modules being
powered on. If there are more than one ZigBee network, it will choose to join the one
with best RSSI.
When the PAN ID of modules are set to 0xFFFF, the actual PAN ID of DZM5168M after
joining a network can be read out by ATPI command. If the PAN ID is specified to any one
among 0x0000 ~ 0xFFFF, the values read out by commands ATPI and ATID are the same.
10.
ATMP
ATMP is used to read the 16-bit address of father node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com