Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 13 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 13 Page - Dorji Industrial Group Co.,Ltd

Back Button DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 10Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 11Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 12Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 13Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 14Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 15Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 16Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 17Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
13
11.
ATMT
This command is used in inquiry the type of modules. There are three types of modules for
DZM5168M: Coordinator, Router and EndDevice. The module type is fixed in factory so
users can not change it.
12.
ATMY
ATMY is used to read its own 16-bit address of DZM5168M module (source address). The
source address is distributed by the network when the module joins in a ZigBee network. If
the source address is 0xFFFE, it means the module has not joined any network. If the address
is smaller than 0xFFFE, it means the module is in a network now.
13.
ATND
It is used to search the information of other nodes in the same network. The information
includes 16-bit address, 64-bit address, RSSI and node description string. If the ATND is
used without parameter, it will return the information of all nodes in the network. If the
ATND is followed with node description string of a node, it will only return the information
of this node.
14.
ATNI
ATNI is used to read or set description string of a node. The string must be displayable ASCII
and it can not start with space character. The length should be not longer than 20 ASCII.
15.
ATNO
It is a searching-related command which is used to read or set the option of showing the
information of the node itself. When its parameter is 0, it means it will not display its own
information in the searched result. Users can use ATWR to store this parameter into the
memory to make it still effective when restart.
16.
ATNT
It is also a searching-related command and is used to read or set the search time with the unit
of 100ms. When ATND is used to search the information of other nodes, the processing time
will only last for the parameter set here. The information of other nodes which have not been
found in this period will be omitted. Users can use ATWR to store this parameter into the
memory.
17.
ATPI
It is used to read the actual PAN ID. It is different from ATID only when the PAN ID of the
module is set to 0xFFFF. Please check command ATID for more details.
18.
ATPL
It is used to read or set the output power of module. The value of the parameter is 0~3, which
3 means the highest output power and 0 refers to the lowest output power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com