Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 11 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 11 Page - Dorji Industrial Group Co.,Ltd

Back Button DZM5168M-R1 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 10Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 11Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 12Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 13Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 14Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 15Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
11
22
ATSC
R/S the searching channel
0x0001~0xFFFE
0x0003
23
ATSH
Read the high 32-bit of IEEE 64-bit address
0x00000000~
0xFFFFFFFF
24
ATSL
Read the low 32-bit of IEEE 64-bit address
0x00000000~
0xFFFFFFFF
25
ATSM
R/S sleep mode, only for EndDevice
0: disable
1: enable
0
26
ATSP
The limitation time for Coordinator or Router to
keep data for EndDevice or the period for
EndDevice to obtain data from Coordinator or
Router.
0x0001~0xFFFF
0x12C
27
ATST
The working time of EndDevice after it is waken
up. The value (ms) must not exceed half of the
value set by ASTP command. Only effective for
EndDevice.
0x0001~0xFFFF
0x32
28
ATVR
Software version
0x00~0xFF
29
ATWR
Save the revised parameters to memory. The
module will work on new parameters after being
reset.
30
ATJN
Forbid joining network. Only effective for
Coordinator or Router.
0: forbid
1: allow
1
Table 16: DZM5168M AT Command Set
1.
ATAI
This command is used to inquiry the network status of EndDevice If the returned value is 0,
it means the EndDevice is in the network. In other words it has the father node. The
searching time for EndDevice to join the network is from several hundreds of milliseconds to
several seconds so it might need to use this command for a few times in order to get the
status. Furthermore the father node might be different for each time of the EndDevice to join
the network.
2.
ATAP
It is used to read or set the working mode of modules. If the parameter following the
command is 0 (ATAP 0), the module will enter into transparent mode after quitting
configuration mode. Similarly the module will enter into API mode if the parameter is 1.
3.
ATBD
This command is used to read or set the UART data rate. Lower data rate is not
recommended in case the buffer is overflowed. This command is only effective in
configuration mode so it is not applicable in API mode. The command comes into effective
after the module is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com