Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 4 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 4 Page - Dorji Industrial Group Co.,Ltd

  DZM5168M-R1 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
4
RXD
TXD
I/O
VDD
GND
TXD
RXD
RESETN
VDD
GND
R
C
MCU
DZM5168D
Figure 2: DZM5168M Connection Diagram
TRANSPARENT MODE
In this mode DZM5168M receives data from the host through RXD pin and transfers the data
through TXD pin to the host with no protocol utilized in the data package. The data received by
RXD pin will be stored in the buffer of the module and will be transmit when one of the two
conditions is met:
1. The time interval between two continuous bytes exceeds the max. value 30ms.
2. The size of data package exceeds
In transparent mode the targeted receive module is chosen by the 16-bit object address specified
by AT command ATDS. By default DZM5168M works in API mode which can be switched to
transparent mode by AT command.
Firstly the host needs to send ‘+++’ to the module. If DZM5168M respond with OK, the module
enters into configuration mode now. By executing AT command: ATAP 0<CR><LF>, the module
will be switched to transparent mode. The host then sends AT command: ATCN to quit
configuration mode. After be resetting, DZM5168M will work in transparent mode.
The modules in transparent mode are easy to use because of no protocol concerned but there are
some disadvantages for this mode.
1. The data only can be broadcasted or only can be sent to the specified module. It will be
difficult to realize when sending data to different modules.
2. When receiving data from multiple modules, it is hard for DZM5168M to recognize the
source module so it can not judge which module is the first one to send the data.
In order to overcome such shortcomings, API MODE is introduced, which is discussed in the next
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com