Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZM5168M-R1 Datasheet(PDF) 2 Page - Dorji Industrial Group Co.,Ltd

Part # DZM5168M-R1
Description  2.4-GHz Low Energy Zigbee Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DZM5168M-R1 Datasheet(HTML) 2 Page - Dorji Industrial Group Co.,Ltd

  DZM5168M-R1 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DZM5168M-R1 Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DZM5168M
Revision 1.02
Page
of 17
Aug. 2014
2
PIN FUNCTIONS
Figure 1: DZM5168M Pin Layout
PIN
Name
Function
Description
1
VCC
Power
+2.0~3.6V
2
TXD
Digital I/O
UART interface; TX pin
3
RXD
Digital I/O
UART interface; RX pin
4
DIO1
Digital I/O
Programming pin / SIMISO
5
RESETN
Input
Reset pin, low effective
6
DIO18
Digital I/O
Reserved
7
DIO4
Digital I/O
Reserved
8
DIO5
Digital I/O
Reserved
9
DIO8
Digital I/O
Sleep pin only for EndDevice; high effective
10
GND
Ground
Ground (0V)
11
DIO9
Digital I/O
Reserved
12
DIO10
Digital I/O
Reserved
13
DIO11
Digital I/O
Reserved
14
DIO12
Digital I/O
Reserved
15
DIO13
Digital I/O
Reserved
16
DIO14
Digital I/O
Reserved
17
DIO15
Digital I/O
Reserved
18
DIO16
Digital I/O
Reserved
19
DIO17
Digital I/O
Reserved
20
GND
Ground
Ground (0V)
Table 1: DZM5168M Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com