Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 5Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 6Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 7Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 8Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 9Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 10Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 11Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 12Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 9 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
1
System Overview
1.1
General Description
MT7697D is a highly integrated single chip which features an application processor, a low power 1x1
11n dual-band Wi-Fi subsystem, a Bluetooth subsystem, and a Power Management Unit. The
application processor subsystem contains an ARM Cortex-M4 with floating point MCU. It also
includes many peripherals, including UART, I2C, SPI, I2S, PWM, IrDA, and auxiliary ADC. It also
includes embedded SRAM/ROM .
The Wi-Fi subsystem contains the 802.11a/b/g/n radio, baseband, and MAC that are designed to
meet both the low power and high throughput application. It also contains a 32-bit RISC CPU that
could fully offload the application processor.
The Bluetooth subsystem contains the Bluetooth radio, baseband, link controller. It also uses the
same 32-bit RISC CPU for the Bluetooth protocols.
1.2
Features
1.2.1
Technology and package
8mm x 8mm 68-pin QFN package.
1.2.2
Power management and clock source
Integrate high efficiency power management unit with single 3.3V power supply
input
40/26/52MHz source crystal clock support with low power operation in idle mode
1.2.3
Platform
ARM Cortex-M4 MCU with FPU with up to 192MHz clock speed
Embedded 352KB SRAM and 64KB boot ROM
Supports external serial flash with Quad Peripheral Interface (QPI) mode
Supports eXecute In Place (XIP) on flash
32KB cache in XIP mode
Hardware crypto engines including AES, DES/3DES, SHA2 for network security
28 General Purpose IOs multiplexed with other interfaces
Two UART interfaces with hardware flow control and one UART for debug, all
multiplexed with GPIO
One SPI master interface multiplexed with GPIO
One SPI slave interface multiplexed with GPIO
Two I2C master interface multiplexed with GPIO
One I2S interface multiplexed with GPIO
Four channel 12-bit ADC multiplexed with GPIO
28 PWM multiplexed with GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com