Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 44Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 45Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 46Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 47Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 48Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 49Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 50Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 51Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 48 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Mode
Description
Waveform
S1_Lasting_Time)
2.5.9
IrDA
IrDA TX module supports consumer IR protocols including NEC, RC-5, RC-6, and the software-based
pulse-width mode. IrDA RX module supports protocols including RC-5 and pulse-width detection
mode.
2.6
Radio MCU Subsystem
2.6.1
CPU
MT7697D features 32-bit CPU N9, with the following features:
5-stage pipeline with extensive clock-gating
Dynamic branch prediction with BTB
16/32-bit mixed instruction format
Multiply-accumulate and multiply-subtract instructions
Instructions optimized for audio applications
Instruction and data local memory
JTAG based debug interface
Programmable data endian control
2.6.2
RAM/ROM
The Radio MCU subsystem features ILM (Instruction Local Memory), DLM (Data Local Memory), and
the SYSRAM. The ROM code is in ILM.
2.6.3
Memory map
The table below describes how the peripherals are mapped to the memory space in Radio MCU
subsystem.
When the MCU performs a read transaction to an undefined address, the bus returns 0. When the
MCU performs a write transaction to an undefined address, the bus regards it as an invalid
transaction and does nothing.
Table 2-21. N9 Memory Map
Start address
End address
Function
Description
0x0000_0000
0x000C_FFFF
ILM ROM
Instruction local memory ROM
for N9
0x000D_0000
0x0011_FFFF
ILM RAM
Instruction local memory RAM
for N9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com