Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 28Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 29Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 30Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 31Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 32Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 33Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 34Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 35Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 32 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.4.10.3 Reset Scenarios
The definitions of the cold reset and the warm reset are shown below:
Cold Reset: Power on reset and both RAM or peripheral devices will be initialized by
firmware.
Warm Reset: CPU is reset but RAM content is still retained (without firmware re-
download). It’s triggered by
o Software reset: Software set WDT reset control register to reset CPU.
o WDT reset: WDT expiration cause CPU to reset if enabled, otherwise interrupt.
o Core reset: Reset by the other CPU (e.g. N9 to reset CM4 or CM4 to reset N9).
o Wake-up from deep sleep mode: Reset by the MTCMOS power control.
2.4.10.4 Sleep/Wakeup sequence
The sleep/wakeup control sequence is shown in the diagram below.
Figure 2-10. Sleep/Wakeup Sequence
2.4.11
Memory Map
The table below describes how the peripherals are mapped to the CM4 memory.
When the MCU performs a read transaction to an undefined address, the bus returns 0. When the
MCU performs a write transaction to an undefined address, the bus regards it as an invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com