Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 39Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 40Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 41Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 42Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 43Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 44Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 45Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 46Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 43 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.5.3
I2C Serial Interface
MT7697D features two I2C serial interface master controllers. The two signals of I2C channel 0 are
I2C0_CLK and I2C0_DATA.
I2C0_CLK is a clock signal that is driven by the master.
I2C0_DATA is a bi-directional data signal that can be driven by either the master or the slave.
It supports the clock rate of 50, 100, 200, and 400 KHz.
I2C channel 1 supports the same feature as channel 0.
2.5.4
Auxiliary ADC function
MT7697D features one auxiliary ADC function. The ADC function contains a 4-channel analog switch,
a single-end input asynchronous 12-bit SAR (Successive Approximation Register) ADC, and a digital
averaging function. The digital averaging function can perform on-the-fly averaging function of
1/2/4/8/16/32/64 points. The ADC features the dithering function to enhance the DNL performance.
The ADC uses an external VREF20 as a reference voltage.
MUX
Vin
Vref
0
Vin
Vref
0
Vin
Vrdac
0
Vin
Vref
CMP
AUXADC0
Vcm buf
VCM
Vrdac
CDAC
AUXADC3
Vref=1.8V
SAR
Control
Logic
CLK
(2MHz)
12
Digital
Output
VREF20
AUXADC_MUX[3:0]
Figure 2-16. Auxiliary ADC Block Diagram (Analog Part)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com