Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 6Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 7Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 8Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 9Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 10Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 11Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 12Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 13Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 10 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
25 channels DMA
Low power RTC mode with 32KHz crystal support
1.2.4
WLAN
Dedicated high-performance 32-bit RISC CPU N9 up to 160MHz clock speed
IEEE 802.11 a/b/g/n compliant
Supports 20MHz, 40MHz bandwidth in 2.4GHz band 5GHz band
Dual-band 1T1R mode with data rate up to 150Mbps
Supports STBC, LDPC
Greenfield, mixed mode, legacy modes support
IEEE 802.11e support
Security support for WFA WPA/WPA2 personal, WPS2.0
Supports 802.11w protected managed frames
QoS support of WFA WMM
Integrated LNA, PA, and T/R switch
Optional external LNA and PA support.
RX diversity support with additional RX input
1.2.5
Bluetooth
Bluetooth 4.2 Low Energy (LE)
Integrated BALUN and PA
Support SCO and eSCO link with re-transmission
Channel assessment for AFH
1.2.6
Miscellaneous
Integrates 4Kbit efuse to store device specific information and RF calibration data.
Advanced Wi-Fi/Bluetooth coexistence scheme
1.3
Applications
MT7697D is designed for Internet-of-Things based on the Mediatek’s low power technology, Wi-Fi
and Bluetooth design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com