Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 42Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 43Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 44Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 45Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 46Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 47Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 48Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 49Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 46 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Table 2-18. I2S Pin Description
Signal Name
Signal Description
Direction (Slave Mode)
I2S_MCLK
The base clock of the function.
Output
I2S_BCLK
The bit clock of the interface
Input
I2S_FS (LRCLK)
The left/right word select line
of the interface
Input
I2S_TX
Digital audio output
Output
I2S_RX
Digital audio input
Input
MT7697D supplies the MCLK of 16MHz. The external CODEC generates BCLK and LRCLK from MCLK.
When configured as the I2S slave mode, the I2S interface can support two modes.
Table 2-19. I2S Slave Mode
Slave Mode Bit Width
Input Sample (Uplink) Output Sample
(Downlink)
BCLK
(Input)
FS (Input)
Mode 1
16b
16KHz, mono
16KHz, mono
512KHz
16KHz
Mode 2
16b
24KHz, mono
24KHz, mono
768KHz
24KHz
The mono data is transferred across the I2S bus as left channel information.
In all of the modes above, when the input data is mono, the data of interest is transferred across the
I2S bus on the left channel.
The I2S pins are multiplexed with SPI pins.
The signal waveform of I2S is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com