Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 14Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 15Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 16Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 17Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 18Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 19Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 20Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 21Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 18 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
The options of clock rate for MCU are listed below.
Table 2-6. Cortex-M4 Clock Rate
Reference Clock
(MHz)
MCU Clock
(MHz, XTAL mode)
MCU Clock
(MHz, PLL mode)
40
40
30, 32, 40, 48, 60, 80,
96, 120, 160, 192.
26
26
52
52
Table 2-7. N9 Clock Rate
Reference Clock (MHz)
MCU Clock
(MHz, XTAL mode)
MCU Clock
(MHz, PLL mode)
40
40
30, 32, 40, 48, 60, 80,
96, 120, 160, 192.
26
26
52
52
Table 2-8. Peripheral Clock Rate
Peripheral Clock Rate
Support SPEC
PWM
XTAL clock with DIV13 (Default)
200Hz at minimum.
XTAL clock
F32K clock
UART
XTAL clock with DIV
9.6, 19.2, 38.4, 115.2K
I2C
XTAL clock with DIV
50, 100, 200, 400KHz
SPI
XTAL clock with DIV (Default)
4, 6, 8, 10, 12MHz
Flash
XTAL clock with DIV (Default)
64MHz.
BT_DIG_CLK (64MHz) with DIV
CM4 clock with DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com