Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 10Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 11Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 12Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 13Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 14Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 15Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 16Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 17Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 14 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Domain
Description
Circuit Included
OFF Condition
power save mode.
included.
WF_OFF
The power domain can be
power gated when Wi-Fi is
not used and in Wi-Fi power
save mode.
The whole Wi-Fi baseband
and part of the MAC
subsystem are included.
Wi-Fi is disabled.
N9 is in standby mode
or in sleep mode.
BT_OFF
The power domain can be
power gated when
Bluetooth is not used and in
Bluetooth power save
mode.
The whole Bluetooth
subsystem is included.
Bluetooth is disabled.
N9 is in standby mode
or in sleep mode.
CM4_OFF
The power domain is not
powered gated when
Cortex-M4 is used.
The whole Cortex-M4
subsystem and Cortex-M4
peripherals are included.
N/A
The MT7697D power state diagram is illustrated below. There are two sleep mode controllers,
controlled by N9 and CM4, respectively.
The N9 power state and CM4 power state operates independently. When both enter the sleep mode,
the XTAL and PMU can be changed to the low power mode to further lower the current consumption.
N9 active
Wi-Fi ON
PLL clock
N9 standby
XTAL 26MHz
N9 sleep
XTAL 32KHz
MCU idle
Wi-Fi ON
PLL clock
PMU sleep
XTAL/PMU in low
power mode
CM4 sleep
XTAL 32KHz
CM4 standby
XTAL 26MHz
CM4 active
PLL Clock
PMU sleep
XTAL/PMU in low
power mode
When both CM4 and N9
are in sleep mode, XTAL
and PMU is changed
to low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com