Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 55Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 56Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 57Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 58Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 59Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 60Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 61Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 62Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 59 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Parameter
Description
Performance
MIN
TYP
MAX
Unit
HT40, MCS 7
-
16.5
-
dBm
TX EVM
6 Mbps OFDM
-
-
-5
dB
54 Mbps OFDM
-
-
-25
dB
HT20, MCS 0
-
-
-5
dB
HT20, MCS 7
-
-
-28
dB
HT40, MCS 0
-
-
-5
dB
HT40, MCS 7
-
-
-28
dB
Output power
variation(1)
TSSI closed-loop control across all temperature
range and channels and VSWR ≦ 1.5:1.
-1.5
-
1.5
dB
Carrier suppression
-
-
-30
dBc
Harmonic Output
Power
2nd Harmonic
-
-45
-43
dBm/MHz
3nd Harmonic
-
-45
-43
dBm/MHz
Note 1: VDD33 voltage is within ±5% of typical value.
3.1.4
Wi-Fi 5GHz Band RF Receiver Specifications
The specifications in table below are measured at the antenna port, which includes the front-end
loss.
Table 3-3. 5GHz RF Receiver Specifications
Parameter
Description
Performance
MIN
TYP
MAX
Unit
Frequency range
Center channel frequency
5180
-
5825
MHz
RX sensitivity
BPSK rate 1/2, 6 Mbps OFDM
-
-92.8
-
dBm
BPSK rate 3/4, 9 Mbps OFDM
-
-90.5
-
dBm
QPSK rate 1/2, 12 Mbps OFDM
-
-89.8
-
dBm
QPSK rate 3/4, 18 Mbps OFDM
-
-87.3
-
dBm
16QAM rate 1/2, 24 Mbps OFDM
-
-84.1
-
dBm
16QAM rate 3/4, 36 Mbps OFDM
-
-80.8
-
dBm
64QAM rate 1/2, 48 Mbps OFDM
-
-76.4
-
dBm
64QAM rate 3/4, 54 Mbps OFDM
-
-75.0
-
dBm
RX Sensitivity
MCS 0, BPSK rate 1/2
-
-92.1
-
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com