Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 41Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 42Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 43Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 44Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 45Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 46Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 47Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 48Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 45 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2, 4, 6, 8, 10, and 12MHz. It supports two options of clock polarity (CPOL) and two options of initial
clock phase (CPHA). SPI pins are multiplexed with I2S pins.
Table 2-17. SPI Pin Description
Signal Name
Signal Description
Direction
CS
Chip select
Output
SCK
Serial clock
Output
MISO
Master in, Slave out
Input
MOSI
Master out, Slave in
Output
Figure 2-19. SPI Timing Diagram
2.5.6
SPI Slave Interface
2.5.7
I2S Interface
MT7697D features one I2S interface, which is used to connect to an external audio codec. The I2S
interface can support the I2S slave mode only. The five I2S signals are shown below. The I2S_MLK
clock frequency is 16MHz.
CS_N
SCK
(CPOL=0)
SCK Edge
Number
SCK
(CPOL=1)
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
SAMPLE MOSI/MISO
(CPHA=0)
SAMPLE MOSI/MISO
(CPHA=1)
Data Transmission
CS_N
idle time
CS_N setup time
CS_N hold time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com