Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DIN Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 9Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 10Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 11Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 12Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 13Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 14Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 15Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 16Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 13 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
They are used to keep BUCK and CLDO output voltage while MT7697D is in sleep mode to reduce
current consumption.
Once MT7697D goes into deep sleep mode, BUCK, ALDO, and CLDO can be shut down. BUCK output
voltage will be kept by SLDO-H, and CLDO output will be kept by SLDO-L.
PMU also integrated the ELDO (Efuse LDO). It provides 2.5V output voltage to the internal Efuse
macro in programming mode.
2.2.2
Chip Power Plan
The 3.3V power source is directly supplied to the switching regulator, digital I/Os, and RF-related
circuit. It is converted to 2.5V by the LDO for ADC analog circuit. It is converted to 1.6V by the buck
converter for low voltage circuits. The built-in digital LDOs and RF LDOs converts 1.6V to 1.15V for
digital, RF, and BBPLL core circuits.
2.2.3
Digital Power Domain and Power States
The digital circuit is separated into five power domains. They are TOP_AON, TOP_OFF(N9), WF_OFF,
BT_OFF, and CM4_SYS. Except TOP_AON, each power domain can be turned on and off individually.
Table 2-1. MTCMOS Power Domain
Domain
Description
Circuit Included
OFF Condition
TOP_AON
Always-on power domain,
which keeps the minimum
circuit powered to wake up
from the sleep mode upon
receiving a wake-up event.
It includes:
Chip level configuration
register.
Sleep mode controller;
External interrupt controller;
Part of the Wi-Fi MAC that
handles the beacon filtering.
Sustain and backup memory
that stores the RAM code
and the register values that
need to be kept during sleep
mode.
N/A
TOP_OFF(N9) The power domain can be
power gated in Wi-Fi power
save mode and Bluetooth
The whole N9 subsystem, N9
peripherals, and part of the
Wi-Fi MAC circuit are
N9 is in sleep mode
and no DMA functions
are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com