Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 17Page - Advanced Micro Devices AM186ED Datasheet HTML 18Page - Advanced Micro Devices AM186ED Datasheet HTML 19Page - Advanced Micro Devices AM186ED Datasheet HTML 20Page - Advanced Micro Devices AM186ED Datasheet HTML 21Page - Advanced Micro Devices AM186ED Datasheet HTML 22Page - Advanced Micro Devices AM186ED Datasheet HTML 23Page - Advanced Micro Devices AM186ED Datasheet HTML 24Page - Advanced Micro Devices AM186ED Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Am186ED/EDLV Microcontrollers
21
PRELI M INARY
D
RA
F T
PIN DESCRIPTIONS
Pins That Are Used by Emulators
The following pins are used by emulators: A19–A0,
AD7–AD0, ALE, BHE/ADEN, CLKOUTA, RD, S2–S0,
S6/CLKDIV2, and UZI.
Many emulators require S6/CLKDIV2 and UZI to be
configured in their normal functionality as S6 and UZI,
not as PIOs. If BHE/ADEN is held Low during the rising
edge of RES, S6 and UZI are configured in their normal
functionality.
Pin Terminology
The following terms are used to describe the pins:
Input—An input-only pin.
Output—An output-only pin.
Input/Output—A pin that can be either input or output
(I/O).
Synchronous—Synchronous inputs must meet setup
and hold times in relation to CLKOUTA. Synchronous
outputs are synchronous to CLKOUTA.
Asy n chr onous —In puts o r o u tp uts th at a r e
asynchronous to CLKOUTA.
A19–A0
(A19/PIO9, A18/PIO8, A17/PIO7)
Address Bus (output, three-state, synchronous)
These pins supply nonmultiplexed memory or I/O
addresses to the system one half of a CLKOUTA period
earlier than the multiplexed address and data bus
(AD15–AD0). During a bus hold or reset condition, the
address bus is in a high-impedance state.
While the Am186ED/EDLV microcontrollers are directly
connected to DRAM, A19–A0 will serve as the
nonmultiplexed address bus for SRAM, FLASH,
PROM, EPROM, and peripherals. The odd address
pins (A17, A15, A13, A11, A9, A7, A5, A3, and A1) will
have both the row and column address during a DRAM
space access. The odd address signals connect
directly to the row and column multiplexed address bus
of the DRAM. The even address pins (A18, A16, A14,
A12, A10, A8, A6, A4, A2, and A0) and A19 will have
the initial address asserted during the full DRAM
access. These signals will not transition during a
DRAM access.
AD15–AD8
Address and Data Bus (input/output, three-state,
synchronous, level-sensitive)
AD15–AD8—These time-multiplexed pins supply
memory or I/O addresses and data to the system. This
bus can supply an address to the system during the
first period of a bus cycle (t1). It supplies data to the
system during the remaining periods of that cycle (t2,
t3, and t4).
The address phase of these pins can be disabled. See
the ADEN description with the BHE/ADEN pin. When
WHB is deasserted, these pins are three-stated during
t2, t3, and t4.
During a bus hold or reset condition, the address and
data bus is in a high-impedance state.
During a power-on reset, the address and data bus
pins (AD15–AD0) can also be used to load system
configuration information into the internal reset
configuration register.
When accesses are made to 8-bit-wide memory
regions, AD15–AD8 drive their corresponding address
signals throughout the access. If the disable address
phase and 8-bit mode are selected (see the ADEN
description with the BHE/ADEN pin), then AD15–AD8
are three-stated during t1 and driven with their
corresponding address signal from t2 to t4.
AD7–AD0
Address and Data Bus (input/output, three-state,
synchronous, level-sensitive)
These time-multiplexed pins supply partial memory or
I/O addresses, as well as data, to the system. This bus
supplies the low-order 8 bits of an address to the
system during the first period of a bus cycle (t1), and it
supplies data to the system during the remaining
periods of that cycle (t2, t3, and t4). In 8-bit mode, AD7–
AD0 supplies the data for both high and low bytes.
The address phase of these pins can be disabled. See
the ADEN pin description with the BHE/ADEN pin.
When WLB is deasserted, these pins are three-stated
during t2, t3, and t4.
During a bus hold or reset condition, the address and
data bus is in a high-impedance state.
During a power-on reset, the address and data bus
pins (AD15–AD0) can also be used to load system
configuration information into the internal reset
configuration register.
ALE
Address Latch Enable (output, synchronous)
This pin indicates to the system that an address ap-
pears on the address and data bus (AD15–AD0). The
address is guaranteed to be valid on the trailing edge
of ALE. This pin is three-stated during ONCE mode.
ALE is three-stated and held resistively Low during a
bus hold condition. In addition, ALE has a weak internal
pulldown resistor that is active during reset, so that an
external device does not get a spurious ALE during
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com