Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 78Page - Advanced Micro Devices AM186ED Datasheet HTML 79Page - Advanced Micro Devices AM186ED Datasheet HTML 80Page - Advanced Micro Devices AM186ED Datasheet HTML 81Page - Advanced Micro Devices AM186ED Datasheet HTML 82Page - Advanced Micro Devices AM186ED Datasheet HTML 83Page - Advanced Micro Devices AM186ED Datasheet HTML 84Page - Advanced Micro Devices AM186ED Datasheet HTML 85Page - Advanced Micro Devices AM186ED Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
82
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
SWITCHING CHARACTERISTICS over COMMERCIAL and INDUSTRIAL operating ranges
Ready and Peripheral (20 MHz and 25 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA, unless otherwise noted. All output test conditions
are with CL =50 pF. For switching tests, VIL=0.45 V and VIH =2.4 V, except at X1 where VIH =VCC – 0.5 V.
a
This timing must be met to guarantee proper operation.
b
This timing must be met to guarantee recognition at the clock edge.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
Ready and Peripheral (33 MHz and 40 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA, unless otherwise noted. All output test conditions
are with CL =50 pF. For switching tests, VIL=0.45 V and VIH =2.4 V, except at X1 where VIH =VCC – 0.5 V.
a
This timing must be met to guarantee proper operation.
b
This timing must be met to guarantee recognition at the clock edge.
Parameter
Preliminary
Preliminary
Unit
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
Ready and Peripheral Timing Requirements
47
tSRYCL
SRDY Transition Setup Time(a)
10
10
ns
48
tCLSRY
SRDY Transition Hold Time(a)
33
ns
49
tARYCH
ARDY Resolution Transition Setup Time(b)
10
10
ns
50
tCLARX
ARDY Active Hold Time(a)
44
ns
51
tARYCHL
ARDY Inactive Holding Time
6
6
ns
52
tARYLCL
ARDY Setup Time(a)
15
15
ns
53
tINVCH
Peripheral Setup Time(b)
10
10
ns
54
tINVCL
DRQ Setup Time(b)
10
10
ns
Peripheral Timing Responses
55
tCLTMV
Timer Output Delay
25
20
ns
Parameter
Preliminary
Unit
33 MHz
40 MHz
No.
Symbol
Description
Min
Max
Min
Max
Ready and Peripheral Timing Requirements
47
tSRYCL
SRDY Transition Setup Time(a)
85
ns
48
tCLSRY
SRDY Transition Hold Time(a)
32
ns
49
tARYCH
ARDY Resolution Transition Setup Time(b)
85
ns
50
tCLARX
ARDY Active Hold Time(a)
43
ns
51
tARYCHL
ARDY Inactive Holding Time
6
5
ns
52
tARYLCL
ARDY Setup Time(a)
10
5
ns
53
tINVCH
Peripheral Setup Time(b)
85
ns
54
tINVCL
DRQ Setup Time(b)
85
ns
Peripheral Timing Responses
55
tCLTMV
Timer Output Delay
15
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com