Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 28Page - Advanced Micro Devices AM186ED Datasheet HTML 29Page - Advanced Micro Devices AM186ED Datasheet HTML 30Page - Advanced Micro Devices AM186ED Datasheet HTML 31Page - Advanced Micro Devices AM186ED Datasheet HTML 32Page - Advanced Micro Devices AM186ED Datasheet HTML 33Page - Advanced Micro Devices AM186ED Datasheet HTML 34Page - Advanced Micro Devices AM186ED Datasheet HTML 35Page - Advanced Micro Devices AM186ED Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
32
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
WHB is asserted with AD15–AD8. WHB is the logical
OR of BHE and WR. This pin floats during reset.
WLB
Write Low Byte (output, three-state, synchronous)
WLB—This pin and WHB indicate to the system which
bytes of the data bus (upper, lower, or both) participate
in a write cycle. In 80C186 microcontroller designs, this
information is provided by BHE, AD0, and WR.
However, by using WHB and WLB, the standard
system interface logic and external address latch that
were required are eliminated.
WLB is asserted with AD7–AD0. WLB is the logical OR
of AD0 and WR. This pin floats during reset.
WR
Write Strobe (output, synchronous)
WR—This pin indicates to the system that the data on
the bus is to be written to a memory or I/O device. WR
floats during a bus hold or reset condition. WR should
be used for DRAM write enable.
X1
Crystal Input (input)
This pin and the X2 pin provide connections for a
fundamental mode or third-overtone, parallel-resonant
crystal used by the internal oscillator circuit. To provide
the microcontroller with an external clock source,
connect the source to the X1 pin and leave the X2 pin
unconnected.
X2
Crystal Output (output)
This pin and the X1 pin provide connections for a
fundamental mode or third-overtone, parallel-resonant
crystal used by the internal oscillator circuit. To provide
the microcontroller with an external clock source, leave
the X2 pin unconnected and connect the source to the
X1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com