Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 48Page - Advanced Micro Devices AM186ED Datasheet HTML 49Page - Advanced Micro Devices AM186ED Datasheet HTML 50Page - Advanced Micro Devices AM186ED Datasheet HTML 51Page - Advanced Micro Devices AM186ED Datasheet HTML 52Page - Advanced Micro Devices AM186ED Datasheet HTML 53Page - Advanced Micro Devices AM186ED Datasheet HTML 54Page - Advanced Micro Devices AM186ED Datasheet HTML 55Page - Advanced Micro Devices AM186ED Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
52
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
Typical Ambient Temperatures
The typical ambient temperature specifications are
based on the following assumptions and calculations:
The commercial operating range of the Am186ED
microcontroller is a case temperature TC of 0 to 100
degrees Centigrade. TC is measured at the top center
of the package. An increase in the ambient temperature
causes a proportional increase in TC.
Microcontrollers up to 40 MHz are specified as 5.0 V
plus or minus 10%. Therefore, 5.0 V is used for
calculating typical power consumption up to 40 MHz.
Typical power supply current (ICC) in normal usage is
estimated at 5.9 mA per MHz of microcontroller clock
rate.
Typical power consumption (watts) = (5.9 mA/MHz)
times microcontroller clock rate times VCC divided by
1000.
Table 12 shows the variables that are used to calculate
the typical power consumption value for each version
of the Am186ED microcontroller.
Table 12.
Typical Power Consumption Calculation
Thermal resistance is a measure of the ability of a
package to remove heat from a semiconductor device.
A safe operating range for the device can be calculated
using the formulas from Figure 14 and the variables in
Table 11.
By using the maximum case rating TC, the typical
power consumption value from Table 12, and
θ
JC from
Table 11, the junction temperature TJ can be calculated
by using the following formula from Figure 14.
TJ = TC + (P
⋅ θ
JC)
Table 13 shows TJ values for the various versions of
the Am186ED microcontroller. The column titled
Speed/Pkg/Board in Table 13 indicates the clock speed
in MHz, the type of package (P for PQFP and T for
TQFP), and the type of board (2 for 2-layer and 4-6 for
4-layer to 6-layer).
Table 13.
Junction Temperature Calculation
By using TJ from Table 13, the typical power
consumption value from Table 12, and a
θ
JA value from
Table 11, the typical ambient temperature TA can be
calculated using the following formula from Figure 14:
TA = TJ – (P ⋅ θJA)
For example, TA for a 40-MHz PQFP design with a 2-
layer board and 0 fpm airflow is calculated as follows:
TA = 108.3 – (1.2 ⋅ 45)
TA = 55.2
In this calculation, TJ comes from Table 13, P comes
from Table 12, and
θ
JA comes from Table 11. See Table
14.
TA for a 33-MHz TQFP design with a 4-layer to 6-layer
board and 200 fpm airflow is calculated as follows:
TA = 105.8 – (1.0 ⋅ 28)
TA = 78.6
See Table 17 for the result of this calculation.
Table 14 through Table 17 and Figure 15 through
Fi gu r e 18 s h ow TA based on the prec eding
assumptions and calculations for a range of
θ
JA values
with airflow from 0 linear feet per minute to 600 linear
feet per minute.
P = MHz
⋅ I
CC
⋅ V
CC/1000
Typical
Power (P) in
Watts
MHz
Typical ICC
Volts
40
5.9
5.0
1.2
33
5.9
5.0
1.0
25
5.9
5.0
0.7
20
5.9
5.0
0.6
Speed/
Pkg/
Board
TJ(°C)
TJ = TC + (P
⋅ θ
JC)
TC
P
θ
JC
40/P2
108.3
100
1.2
7
40/T2
111.8
100
1.2
10
40/P4-6
105.9
100
1.2
5
40/T4-6
107.1
100
1.2
6
33/P2
106.8
100
1.0
7
33/T2
109.7
100
1.0
10
33/P4-6
104.9
100
1.0
5
33/T4-6
105.8
100
1.0
6
25/P2
105.2
100
0.7
7
25/T2
107.4
100
0.7
10
25/P4-6
103.7
100
0.7
5
25/T4-6
104.4
100
0.7
6
20/P2
104.1
100
0.6
7
20/T2
105.9
100
0.6
10
20/P4-6
103.0
100
0.6
5
20/T4-6
103.5
100
0.6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com