Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 34Page - Advanced Micro Devices AM186ED Datasheet HTML 35Page - Advanced Micro Devices AM186ED Datasheet HTML 36Page - Advanced Micro Devices AM186ED Datasheet HTML 37Page - Advanced Micro Devices AM186ED Datasheet HTML 38Page - Advanced Micro Devices AM186ED Datasheet HTML 39Page - Advanced Micro Devices AM186ED Datasheet HTML 40Page - Advanced Micro Devices AM186ED Datasheet HTML 41Page - Advanced Micro Devices AM186ED Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
38
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
PERIPHERAL CONTROL BLOCK
The integrated peripherals of the Am186ED/EDLV mi-
crocontrollers are controlled by 16-bit read/write regis-
ters. The peripheral registers are contained within an
internal 256-byte peripheral control block (PCB). The
registers are physically located in the peripheral de-
vices they control, but they are addressed as a single
256-byte block. Table 8 shows a map of these regis-
ters.
Reading and Writing the PCB
Code written for the Am186ED/EDLV microcontrollers
should perform all writes to the PCB registers as byte
writes. These writes transfer 16 bits of data to the PCB
register even if an 8-bit register is named in the instruc-
tion. For example, out dx, al results in the value of
ax
being written to the port address in dx. Reads to the
PCB should be done as word reads. Code written in
this manner runs correctly on the Am186ED/EDLV mi-
crocontrollers with the PCB overlayed on either 8- or
16-bit address spaces.
Unaligned reads and writes to the PCB result in unpre-
dictable behavior.
For a complete description of all the registers in the
PCB, see the
Am186ED/EDLV Microcontrollers User’s
Manual, order# 21335A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com