Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 36Page - Advanced Micro Devices AM186ED Datasheet HTML 37Page - Advanced Micro Devices AM186ED Datasheet HTML 38Page - Advanced Micro Devices AM186ED Datasheet HTML 39Page - Advanced Micro Devices AM186ED Datasheet HTML 40Page - Advanced Micro Devices AM186ED Datasheet HTML 41Page - Advanced Micro Devices AM186ED Datasheet HTML 42Page - Advanced Micro Devices AM186ED Datasheet HTML 43Page - Advanced Micro Devices AM186ED Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
40
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
CLOCK AND POWER MANAGEMENT
The clock an d po wer m an age me nt u nit of the
Am186ED/EDLV microcontrollers includes a phase-
locked loop (PLL) and a second programmable system
clock output (CLKOUTB).
Phase-Locked Loop
In a traditional 80C186/188 microcontroller design, the
crystal frequency is twice that of the desired internal
clock. Because of the PLL on the Am186ED/EDLV mi-
crocontrollers, the internal clock generated by the
Am186ED/EDLV microcontrollers (CLKOUTA) is the
same frequency as the crystal. The PLL takes the crys-
tal inputs (X1 and X2) and generates a 45–55% (worst
case) duty cycle intermediate system clock of the same
frequency. This removes the need for an external 2x
oscillator, reducing system cost. The PLL is reset dur-
ing power-on reset by an on-chip power-on reset
(POR) circuit.
Crystal-Driven Clock Source
The internal oscillator circuit of the Am186ED/EDLV
microcontrollers is designed to function with a parallel
resonant fundamental or third overtone crystal. Be-
cause of the PLL, the crystal frequency should be
equal to the processor frequency. Do not replace a
crystal with an LC or RC equivalent.
The X1 and X2 signals are connected to an internal in-
verting amplifier (oscillator) that provides, along with
the external feedback loading, the necessary phase
shift (Figure 8). In such a positive feedback circuit, the
inverting amplifier has an output signal (X2) 180 de-
grees out of phase of the input signal (X1).
The external feedback network provides an additional
180-degree phase shift. In an ideal system, the input to
X1 will have 360 or zero degrees of phase shift. The ex-
ternal feedback network is designed to be as close to
ideal as possible. If the feedback network is not provid-
ing necessary phase shift, negative feedback dampens
the output of the amplifier and negatively affects the op-
eration of the clock generator. Values for the loading on
X1 and X2 must be chosen to provide the necessary
phase shift and crystal operation.
Selecting a Crystal
When selecting a crystal, the load capacitance should
always be specified (CL). This value can cause vari-
ance in the oscillation frequency from the desired spec-
ified value (resonance). The load capacitance and the
loading of the feedback network have the following re-
lationship:
where CS is the stray capacitance of the circuit. Placing
the crystal and CL in series across the inverting ampli-
fier and tuning these values (C1, C2) allows the crystal
to oscillate at resonance. This relationship is true for
both fundamental and third-overtone operation. Finally,
there is a relationship between C1 and C2. To enhance
the oscillation of the inverting amplifier, these values
need to be offset with the larger load on the output (X2).
Equal values of these loads tend to balance the poles
of the inverting amplifier.
The characteristics of the inverting amplifier set limits
on the following parameters for crystals:
ESR (Equivalent Series Resistance) ...... 60
Ω max
Drive Level .............................................. 1 mW max
The recommended range of values for C1 and C2 are
as follows:
C1 ..................................................................15 pF ± 20%
C2 ..................................................................22 pF ± 20%
The specific values for C1 and C2 must be determined
by the designer and are dependent on the characteris-
tics of the chosen crystal and board design.
Figure 8.
Am186ED/EDLV Microcontrollers Oscillator Configurations
(C1 ⋅ C2)
(C1 + C2)
CL =
+ CS
Crystal
Am186ED/EDLV
200 pF
Note 1
Note 1: Use for Third Overtone Mode
XTAL Frequency
L1 Value (Max)
20 MHz
12
µH ±20%
25 MHz
8.2
µH ±20%
33 MHz
4.7
µH ±20%
40 MHz
3.0
µH ±20%
X1
X2
b. Crystal Configuration
a. Inverting Amplifier Configuration
C1
C2
Crystal
C1
C2
Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com