Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 19Page - Advanced Micro Devices AM186ED Datasheet HTML 20Page - Advanced Micro Devices AM186ED Datasheet HTML 21Page - Advanced Micro Devices AM186ED Datasheet HTML 22Page - Advanced Micro Devices AM186ED Datasheet HTML 23Page - Advanced Micro Devices AM186ED Datasheet HTML 24Page - Advanced Micro Devices AM186ED Datasheet HTML 25Page - Advanced Micro Devices AM186ED Datasheet HTML 26Page - Advanced Micro Devices AM186ED Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
Am186ED/EDLV Microcontrollers
23
PRELI M INARY
D
RA
F T
port 0 control register is set). The ENRX0 signal
enables the receiver for the associated serial port.
DEN/DS/PIO5
Data Enable (output, three-state, synchronous)
Data Strobe (output, three-state, synchronous)
DEN—This pin supplies an output enable to an
external data-bus transceiver. DEN is asserted during
memory, I/O, and interrupt acknowledge cycles. DEN is
deasserted when DT/R changes state. DEN floats
during a bus hold or reset condition.
DS—The data strobe provides a signal where the write
cycle timing is identical to the read cycle timing. When
used with other control signals, DS provides an
interface for 68K-type peripherals without the need for
additional system interface logic.
When DS is asserted, addresses are valid. When DS is
asserted on writes, data is valid. When DS is asserted
on reads, data can be asserted on the AD bus.
Note: This pin resets to DEN.
DRQ0/INT5/PIO12
DMA Request 0 (input, synchronous,
level-sensitive)
Maskable Interrupt Request 5 (input,
asynchronous, edge-triggered)
DRQ0—This pin indicates to the microcontroller that an
external device is ready for DMA channel 0 to perform
a transfer. DRQ0 is level-triggered and internally
synchronized. DRQ0 is not latched and must remain
active until serviced.
INT5—If DMA 0 is not enabled or DMA 0 is not being
used with external synchronization, INT5 can be used
as an additional external interrupt request. INT5 shares
the DMA 0 interrupt type (0Ah) and register control bits.
INT5 is edge-triggered only and must be held until the
interrupt is acknowledged.
DRQ1/INT6/PIO13
DMA Request 1 (input, synchronous,
level-sensitive)
Maskable Interrupt Request 6 (input,
asynchronous, edge-triggered)
DRQ1—This pin indicates to the microcontroller that an
external device is ready for DMA channel 1 to perform
a transfer. DRQ1 is level-triggered and internally
synchronized. DRQ1 is not latched and must remain
active until serviced.
INT6—If DMA 1 is not enabled or DMA 1 is not being
used with external synchronization, INT6 can be used
as an additional external interrupt request. INT6 shares
the DMA 1 interrupt type (0Bh) and register control bits.
INT6 is edge-triggered only and must be held until the
interrupt is acknowledged.
DT/R/PIO4
Data Transmit or Receive (output, three-state,
synchronous)
This pin indicates in which direction data should flow
through an external data-bus transceiver. When DT/R
is asserted High, the microcontroller transmits data.
When this pin is deasserted Low, the microcontroller
receives data. DT/R floats during a bus hold or reset
condition.
GND
Ground
Ground pins connect the microcontroller to the system
ground.
HLDA
Bus Hold Acknowledge (output, synchronous)
This pin is asserted High to indicate to an external bus
master that the microcontroller has released control of
the local bus. When an external bus master requests
control of the local bus (by asserting HOLD), the
microcontroller completes the bus cycle in progress. It
then relinquishes control of the bus to the external bus
master by asserting HLDA and floating DEN, RD, WR,
S2–S0, AD15–AD0, S6, A19–A0, BHE, WHB, WLB,
and DT/R. The following chip selects are three-stated
(then will be held High with an ~10-kohm resistor):
UCS, LCS, MCS3–MCS0, PCS6–PCS5, PCS3–PCS0,
RAS0, RAS1, UCAS, and LCAS. ALE is also three-
stated (then will be held Low with an ~10-kohm
resistor).
When the external bus master has finished using the
local bus, it indicates this to the microcontroller by
deasserting HOLD. The microcontroller responds by
deasserting HLDA.
If the microcontroller requires access to the bus (for
example, to refresh), it will deassert HLDA before the
external bus master deasserts HOLD. The external bus
master must be able to deassert HOLD and allow the
microcontroller access to the bus. See the timing
diagrams for bus hold on page 86.
HOLD
Bus Hold Request (input, synchronous,
level-sensitive)
This pin indicates to the microcontroller that an external
bus master needs control of the local bus.
The Am186ED/EDLV microcontrollers’ HOLD latency
time, that is, the time between HOLD request and
HOLD acknowledge, is a function of the activity occur-
ring in the processor when the HOLD request is re-
ceived. A HOLD request is second only to DRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com