Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM186ED Datasheet HTML 1Page - Advanced Micro Devices AM186ED Datasheet HTML 2Page - Advanced Micro Devices AM186ED Datasheet HTML 3Page - Advanced Micro Devices AM186ED Datasheet HTML 4Page - Advanced Micro Devices AM186ED Datasheet HTML 5Page - Advanced Micro Devices AM186ED Datasheet HTML 6Page - Advanced Micro Devices AM186ED Datasheet HTML 7Page - Advanced Micro Devices AM186ED Datasheet HTML 8Page - Advanced Micro Devices AM186ED Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
Am186ED/EDLV Microcontrollers
3
PREL IMINARY
D
RA
F T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed
by a combination of the elements below.
–20 = 20 MHz
–25 = 25 MHz
–33 = 33 MHz
–40 = 40 MHz
TEMPERATURE RANGE
C= ED Commercial (TC=0°C to +100°C)
C = EDLV Commercial (TC=0°C to +70°C)
I = ED Industrial (TA=–40°C to +85°C)
where: TC= case temperature
where: TA= ambient temperature
SPEED OPTION
DEVICE NUMBER/DESCRIPTION
LEAD FORMING
\W=Trimmed and Formed
Valid combinations list configurations planned to be
supported in volume for this device. Consult the
local AMD sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
Note: The industrial version of the Am186ED as
well as the Am186EDLV are available in 20 and 25
MHz operating frequencies only.
The Am186ED and Am186EDLV microcontrollers
are all functionally the same except for their DC
characteristics and available frequencies.
Note: There is no 188 version of the Am186ED/
EDLV. The same 8-bit external bus capabilities
can be achieved using the 8-bit boot capability and
programmable bus sizing options.
Valid Combinations
PACKAGE TYPE
V=100-Pin Thin Quad Flat Pack (TQFP)
K=100-Pin Plastic Quad Flat Pack (PQFP)
Am186ED = High-Performance, 80C186-Compatible,
16-Bit Embedded Microcontroller
Am186EDLV = High-Performance, 80L186-Compatible,
Low-Voltage, 16-Bit Embedded Microcontroller
Am186EDLV–25
Valid Combinations
Am186EDLV–20
VC\W or
KC\W
Am186ED–25
Am186ED–33
Am186ED–40
Am186ED–20
KI\W1
Am186ED–25
Am186ED–20
VC\W or
KC\W
Note:
The industrial version of the Am186ED is
offered only in the PQFP package.
-40
K
C
\W
Am186TMED/EDLV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com