Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 55Page - Advanced Micro Devices AM186ED Datasheet HTML 56Page - Advanced Micro Devices AM186ED Datasheet HTML 57Page - Advanced Micro Devices AM186ED Datasheet HTML 58Page - Advanced Micro Devices AM186ED Datasheet HTML 59Page - Advanced Micro Devices AM186ED Datasheet HTML 60Page - Advanced Micro Devices AM186ED Datasheet HTML 61Page - Advanced Micro Devices AM186ED Datasheet HTML 62Page - Advanced Micro Devices AM186ED Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
Am186ED/EDLV Microcontrollers
59
PRELI M INARY
D
RA
F T
Alphabetical Key to Switching Parameter Symbols (continued)
Parameter Symbol
No.
Description
tCLCSV
16
MCS/PCS Active Delay
tCLCX
105
CLKOUTA Low to CAS Inactive
tCLRX
107
CLKOUTA Low to RAS Inactive
tCLDOX
30
Data Hold Time
tCLDV
7
Data Valid Delay
tCLDX
2
Data in Hold
tCLHAV
62
HLDA Valid Delay
tCLRA
102
CLKOUTA Low to RAS Active
tCLRH
27
RD Inactive Delay
tCLRL
25
RD Active Delay
tCLSH
4
Status Inactive Delay
tCLSRY
48
SRDY Transition Hold Time
tCLTMV
55
Timer Output Delay
tCOAOB
(a)
83
CLKOUTA to CLKOUTB Skew
tCSHARYL
(a)
88
Chip Select to ARDY Low
tCVCTV
20
Control Active Delay 1
tCVCTX
31
Control Inactive Delay
tCVDEX
21
DEN Inactive Delay
tCXCSX
17
MCS/PCS Hold from Command Inactive
tDSHDIR
(a)
92
DS High to Data Invalid—Read
tDSHDIW
98
DS High to Data Invalid—Write
tDSHDX
(a)
93
DS High to Data Bus Turn-off Time
tDSHLH
41
DS Inactive to ALE Inactive
tDSLDD
(a)
90
DS Low to Data Driven
tDSLDV
(a)
91
DS Low to Data Valid
tDVCL
1
Data in Setup
tDVDSL
(a)
97
Data Valid to DS Low
tDXDL
19
DEN Inactive to DT/R Low
tHVCL
58
HOLD Setup
tINVCH
53
Peripheral Setup Time
tINVCL
54
DRQ Setup Time
tLHAV
23
ALE High to Address Valid
tLHLL
10
ALE Width
tLLAX
13
AD Address Hold from ALE Inactive
tLOCK
61
Maximum PLL Lock Time
tPLAL
99
PCS Active to ALE Inactive
tRD0W
110
RAS To Column Address Delay Time with 0 Wait States
tRD1W
111
RAS to Column Address Delay Time with 1 or More Wait States
tRESIN
57
RES Setup Time
tRHAV
29
RD Inactive to AD Address Active
tRHDX
59
RD High to Data Hold on AD Bus
tRHDZ
(a)
94
RD High to Data Bus Turn-off Time
tRHLH
28
RD Inactive to ALE High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com