Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 45Page - Advanced Micro Devices AM186ED Datasheet HTML 46Page - Advanced Micro Devices AM186ED Datasheet HTML 47Page - Advanced Micro Devices AM186ED Datasheet HTML 48Page - Advanced Micro Devices AM186ED Datasheet HTML 49Page - Advanced Micro Devices AM186ED Datasheet HTML 50Page - Advanced Micro Devices AM186ED Datasheet HTML 51Page - Advanced Micro Devices AM186ED Datasheet HTML 52Page - Advanced Micro Devices AM186ED Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Am186ED/EDLV Microcontrollers
49
PRELI M INARY
D
RA
F T
ABSOLUTE MAXIMUM RATINGS
Storage temperature
Am186ED........................................ –65
°C to +125°C
Am186EDLV.................................... –65
°C to +125°C
Voltage on any pin with respect to ground
Am186ED................................... –0.5 V to Vcc +0.5 V
Am186EDLV............................... –0.5 V to Vcc +0.5 V
Note: Stresses above those listed under Absolute
Maximum Ratings may cause permanent device fail-
ure. Functionality at or above these limits is not implied.
Exposure to absolute maximum ratings for extended
periods may affect device reliability.
OPERATING RANGES
Am186ED Microcontroller
Commercial (TC) .................................0°C to +100°C
Industrial* (TA)...................................–40°C to +85°C
Supply voltage (VCC) .................................5 V ± 10%
Am186EDLV Microcontroller
Commercial (TA) ................................... 0°C to +70°C
VCC up to 25 MHz................................. 3.3 V ± 0.3 V
Where:
TC = case temperature
TA = ambient temperature
*Industrial versions of Am186ED microcontrollers are
available in 20 and 25 MHz operating frequencies only.
DC CHARACTERISTICS OVER COMMERCIAL AND INDUSTRIAL OPERATING RANGES
Notes:
a
The LCS/ONCE0/RAS0 and UCS/ONCE1 pins have weak internal pullup resistors. Loading the LCS/ONCE0/RAS0 and
UCS/ONCE1 pins in excess of IOH = –200 µA during reset can cause the device to go into ONCE mode.
b
Current is measured with the device in RESET with X1 and X2 driven and all other non-power pins open but held High or Low.
c
Testing is performed with the pins floating, either during HOLD or by invoking the ONCE mode.
Symbol
Parameter Description
Test Conditions
Preliminary
Unit
Min
Max
VIL
Input Low Voltage (Except X1)
–0.5
0.2VCC –0.3
V
VIL1
Clock Input Low Voltage (X1)
–0.5
0.8
V
VIH
Input High Voltage (Except RES and X1)
2.0
VCC +0.5
V
VIH 1
Input High Voltage (RES)2.4
VCC +0.5
V
VIH 2
Clock Input High Voltage (X1)
VCC –0.8
VCC +0.5
V
VOL
Output Low Voltage
Am186ED
IOL= 2.5 mA (S2–S0)
IOL= 2.0 mA (others)
0.45
V
Am186EDLV
IOL= 1.5 mA (S2–S0)
IOL= 1.0 mA (others)
0.45
V
VOH
Output High Voltage(a)
Am186ED
IOH= –2.4 mA @ 2.4 V
2.4
VCC +0.5
V
IOH= –200 µA @ VCC –0.5
VCC –0.5
VCC
V
Am186EDLV
IOH= –200 µA @ VCC –0.5
VCC –0.5
VCC
V
ICC
Power Supply Current @ 0
°CV
CC = 5.5 V
(b)
VCC = 3.6 V
(b)
5.9
4.0
mA/MHz
ILI
Input Leakage Current @ 0.5 MHz
0.45 V
≤V
IN≤V
CC
±10
µA
ILO
Output Leakage Current @ 0.5 MHz
0.45 V
≤V
OUT≤V
CC
(c)
±10
µA
VCLO
Clock Output Low
ICLO= 4.0 mA
0.45
V
VCHO
Clock Output High
ICHO= –500 µAVCC –0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com