Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 59Page - Advanced Micro Devices AM186ED Datasheet HTML 60Page - Advanced Micro Devices AM186ED Datasheet HTML 61Page - Advanced Micro Devices AM186ED Datasheet HTML 62Page - Advanced Micro Devices AM186ED Datasheet HTML 63Page - Advanced Micro Devices AM186ED Datasheet HTML 64Page - Advanced Micro Devices AM186ED Datasheet HTML 65Page - Advanced Micro Devices AM186ED Datasheet HTML 66Page - Advanced Micro Devices AM186ED Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
Am186ED/EDLV Microcontrollers
63
PRELI M INARY
D
RA
F T
Numerical Key to Switching Parameter Symbols (continued)
Note:
a
Specs 83 and 88–97 are defined but not used at this time. Additionally, the following parameters are not defined nor used at
this time: 56, 60, and 71–78.
No.
Parameter Symbol
Description
94(a)
tRHDZ
RD High to Data Bus Turn-off Time
95(a)
tARYHDSH
ARDY High to DS High
96(a)
tARYLDSH
ARDY Low to DS High
97(a)
tDVDSL
Data Valid to DS Low
98
tDSHDIW
DS High to Data Invalid—Write
99
tPLAL
PCS Active to ALE Inactive
101
tCHCAV
CLKOUTA Low to Column Address Valid
102
tCLRA
CLKOUTA Low to RAS Active
103
tCHRX
CLKOUTA High to RAS Inactive
104
tCHCA
CLKOUTA High to CAS Active
105
tCLCX
CLKOUTA Low to CAS Inactive
106
tCHRA
CLKOUTA High to RAS Active
107
tCLRX
CLKOUTA Low to RAS Inactive
108
tRP0W
RAS Inactive Pulse Width (0 Wait States)
109
tRP1W
RAS Inactive Pulse Width (1 Wait State)
110
tRD0W
RAS To Column Address Delay Time with 0 Wait States
111
tRD1W
RAS to Column Address Delay Time with 1 or More Wait States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com