Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 31 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 27Page - Texas Instruments DP83848MPHPREP Datasheet HTML 28Page - Texas Instruments DP83848MPHPREP Datasheet HTML 29Page - Texas Instruments DP83848MPHPREP Datasheet HTML 30Page - Texas Instruments DP83848MPHPREP Datasheet HTML 31Page - Texas Instruments DP83848MPHPREP Datasheet HTML 32Page - Texas Instruments DP83848MPHPREP Datasheet HTML 33Page - Texas Instruments DP83848MPHPREP Datasheet HTML 34Page - Texas Instruments DP83848MPHPREP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
X1
25 MHz_OUT
T2.29.2
T2.29.1
T2.29.1
Clear bit 10 of BMCR
(return to normal operation
from Isolate mode)
Hardware or Software Reset
(with PHYAD
00000)
¹
MODE
T2.28.1
T2.28.2
ISOLATE
NORMAL
31
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Specifications
Copyright © 2012–2019, Texas Instruments Incorporated
4.7.28 Isolation Timing
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.28.1
From software clear of bit 10 in the
BMCR register to the transition from
Isolate to Normal Mode
100
µs
T2.28.2
From deassertion of S/W or H/W reset
to transition from Isolate to Normal
mode
500
µs
(1)
25MHz_OUT characteristics are dependent upon the X1 input characteristics.
Figure 4-29. Isolation Timing
4.7.29 25MHz_OUT Timing
PARAMETER
DESCRIPTION
NOTES(1)
MIN
TYP
MAX
UNIT
T2.29.1
25MHz_OUT high/low time
MII mode
20
ns
RMII mode
10
T2.29.2
25MHz_OUT propagation delay
Relative to X1
8
ns
Figure 4-30. 25MHz_OUT Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com