Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 33 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 29Page - Texas Instruments DP83848MPHPREP Datasheet HTML 30Page - Texas Instruments DP83848MPHPREP Datasheet HTML 31Page - Texas Instruments DP83848MPHPREP Datasheet HTML 32Page - Texas Instruments DP83848MPHPREP Datasheet HTML 33Page - Texas Instruments DP83848MPHPREP Datasheet HTML 34Page - Texas Instruments DP83848MPHPREP Datasheet HTML 35Page - Texas Instruments DP83848MPHPREP Datasheet HTML 36Page - Texas Instruments DP83848MPHPREP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
33
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
5.3
Feature Description
5.3.1
Auto-Negotiation
The Auto-Negotiation function provides a mechanism for exchanging configuration information between
two ends of a link segment and automatically selecting the highest performance mode of operation
supported by both devices. Fast Link Pulse (FLP) Bursts provide the signalling used to communicate
Auto-Negotiation abilities between two devices at each end of a link segment. For further detail regarding
Auto-Negotiation, refer to Clause 28 of the IEEE 802.3u specification. The DP83848-EP supports four
different Ethernet protocols (10-Mbps Half Duplex, 10-Mbps Full Duplex, 100-Mbps Half Duplex, and 100-
Mbps Full Duplex), so the inclusion of Auto-Negotiation ensures that the highest performance protocol will
be selected based on the advertised ability of the Link Partner. The Auto-Negotiation function within the
DP83848-EP can be controlled either by internal register access or by the use of the AN0 pin.
5.3.1.1
Auto-Negotiation Pin Control
The state of AN_EN, AN0 and AN1 determines whether the DP83848-EP is forced into a specific mode or
auto-negotiation will advertise a specific ability (or set of abilities) as given in Table 5-1. These pins allow
configuration options to be selected without requiring internal register access.
The state of AN_EN, AN0 and AN1, upon power-up/reset, determines the state of bits [8:5] of the ANAR
register.
The auto-negotiation function selected at power-up or reset can be changed at any time by writing to the
basic mode control register (BMCR) at address 0x00h.
Table 5-1. Auto-Negotiation Modes
AN_EN
AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half Duplex
0
0
1
10BASE-T, Full Duplex
0
1
0
100BASE-TX, Half Duplex
0
1
1
100BASE-TX, Full Duplex
AN_EN
AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half or Full Duplex
1
0
1
100BASE-TX, Half or Full Duplex
1
1
0
10BASE-T Half Duplex
100BASE-TX, Half Duplex
1
1
1
10BASE-T, Half/Full Duplex
100BASE-TX, Half/Full Duplex+
5.3.1.2
Auto-Negotiation Register Control
When Auto-Negotiation is enabled, the DP83848-EP transmits the abilities programmed into the Auto-
Negotiation Advertisement register (ANAR) at address 04h via FLP Bursts. Any combination of 10 Mbps,
100 Mbps, Half-Duplex, and Full Duplex modes may be selected.
Auto-Negotiation Priority Resolution:
1. 100BASE-TX Full Duplex (Highest Priority)
2. 100BASE-TX Half Duplex
3. 10BASE-T Full Duplex
4. 10BASE-T Half Duplex (Lowest Priority)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com