Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 40 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 36Page - Texas Instruments DP83848MPHPREP Datasheet HTML 37Page - Texas Instruments DP83848MPHPREP Datasheet HTML 38Page - Texas Instruments DP83848MPHPREP Datasheet HTML 39Page - Texas Instruments DP83848MPHPREP Datasheet HTML 40Page - Texas Instruments DP83848MPHPREP Datasheet HTML 41Page - Texas Instruments DP83848MPHPREP Datasheet HTML 42Page - Texas Instruments DP83848MPHPREP Datasheet HTML 43Page - Texas Instruments DP83848MPHPREP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
40
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
Table 5-3. Supported Packet Sizes at ±50 ppm ±100 ppm for Each Clock
Start Threshold RBR[1:0]
Latency Tolerance
Recommended Packet Size
at ±50 ppm
Recommended Packet Size
at ±100 ppm
1 (4-bits)
2 bits
2,400 bytes
1,200 bytes
2 (8-bits)
6 bits
7,200 bytes
3,600 bytes
3 (12-bits)
10 bits
12,000 bytes
6,000 bytes
0 (16-bits)
14 bits
16,800 bytes
8,400 bytes
5.4.2.1
10 Mb Serial Network Interface (SNI)
The DP83848-EP incorporates a 10-Mb serial network interface (SNI) which allows a simple serial data
interface for 10-Mb only devices. This is also referred to as a 7-wire interface. While there is no defined
standard for this interface, it is based on early 10-Mb physical layer devices. Data is clocked serially at
10 MHz using separate transmit and receive paths. The following pins are used in SNI mode:
•
TX_CLK
•
TX_EN
•
TXD[0]
•
RX_CLK
•
RXD[0]
•
CRS
•
COL
5.4.3
802.3u MII Serial Management Interface
5.4.3.1
Serial Management Register Access
The serial management MII specification defines a set of thirty-two 16-bit status and control registers that
are accessible through the management interface pins MDC and MDIO. The DP83848-EP implements all
the required MII registers as well as several optional registers. These registers are fully described in
Section 5.6.
5.4.3.2
Serial Management Access Protocol
The serial control interface consists of two pins, Management Data Clock (MDC) and Management Data
Input/Output (MDIO). MDC has a maximum clock rate of 25 MHz and no minimum rate. The MDIO line is
bi-directional and may be shared by up to 32 devices. The MDIO frame format is shown below in Table 5-
4.
Table 5-4. Typical MDIO Frame Format
MII Management Serial Protocol
<idle><start><op code><device addr><reg addr><turnaround><data><idle>
Read Operation
<idle><01><10><AAAAA><RRRRR><Z0><xxxx xxxx xxxx xxxx><idle>
Write Operation
<idle><01><01><AAAAA><RRRRR><10><xxxx xxxx xxxx xxxx><idle>
The MDIO pin requires a pullup resistor (1.5 k
Ω) which, during IDLE and turnaround, will pull MDIO high.
In order to initialize the MDIO interface, the station management entity sends a sequence of 32 contiguous
logic ones on MDIO to provide the DP83848-EP with a sequence that can be used to establish
synchronization. This preamble may be generated either by driving MDIO high for 32 consecutive MDC
clock cycles, or by simply allowing the MDIO pullup resistor to pull the MDIO pin high during which time 32
MDC clock cycles are provided. In addition 32 MDC clock cycles should be used to re-sync the device if
an invalid start, opcode, or turnaround bit is detected.
The DP83848-EP waits until it has received this preamble sequence before responding to any other
transaction. Once the DP83848-EP serial management port has been initialized no further preamble
sequencing is required until after a power-on/reset, invalid Start, invalid Opcode, or invalid turnaround bit
has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com