Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 37 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 33Page - Texas Instruments DP83848MPHPREP Datasheet HTML 34Page - Texas Instruments DP83848MPHPREP Datasheet HTML 35Page - Texas Instruments DP83848MPHPREP Datasheet HTML 36Page - Texas Instruments DP83848MPHPREP Datasheet HTML 37Page - Texas Instruments DP83848MPHPREP Datasheet HTML 38Page - Texas Instruments DP83848MPHPREP Datasheet HTML 39Page - Texas Instruments DP83848MPHPREP Datasheet HTML 40Page - Texas Instruments DP83848MPHPREP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
VCC
AN0 = 1
AN1 = 1
AN_EN = 1
37
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
Figure 5-1. AN Strapping and LED Loading Example
5.3.3.2
LED Direct Control
The DP83848-EP provides another option to directly control any or all LED outputs through the LED direct
control register (LEDCR), address 18h. The register does not provide read access to LEDs.
5.3.4
Internal Loopback
The DP83848-EP includes a Loopback Test mode for facilitating system diagnostics. The Loopback mode
is selected through bit 14 (Loopback) of the Basic Mode Control Register (BMCR). Writing 1 to this bit
enables MII transmit data to be routed to the MII receive outputs. Loopback status may be checked in bit 3
of the PHY Status Register (PHYSTS). While in Loopback mode the data will not be transmitted onto the
media. To ensure that the desired operating mode is maintained, Auto-Negotiation should be disabled
before selecting the Loopback mode.
5.3.5
BIST
The DP83848-EP incorporates an internal Built-in Self Test (BIST) circuit to accommodate in-circuit testing
or diagnostics. The BIST circuit can be used to test the integrity of the transmit and receive data paths.
BIST testing can be performed with the part in the internal loopback mode or externally looped back using
a loopback cable fixture.
The BIST is implemented with independent transmit and receive paths, with the transmit block generating
a continuous stream of a pseudo random sequence. The user can select a 9 bit or 15 bit pseudo random
sequence from the PSR_15 bit in the PHY Control Register (PHYCR). The received data is compared to
the generated pseudo-random data by the BIST Linear Feedback Shift Register (LFSR) to determine the
BIST pass/fail status.
The pass/fail status of the BIST is stored in the BIST status bit in the PHYCR register. The status bit
defaults to 0 (BIST fail) and will transition on a successful comparison. If an error (mis-compare) occurs,
the status bit is latched and is cleared upon a subsequent write to the Start/Stop bit.
For transmit VOD testing, the Packet BIST Continuous Mode can be used to allow continuous data
transmission, setting BIST_CONT_MODE, bit 5, of CDCTRL1 (0x1Bh).
The number of BIST errors can be monitored through the BIST Error Count in the CDCTRL1 (0x1Bh), bits
[15:8].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com