Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 32 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 28Page - Texas Instruments DP83848MPHPREP Datasheet HTML 29Page - Texas Instruments DP83848MPHPREP Datasheet HTML 30Page - Texas Instruments DP83848MPHPREP Datasheet HTML 31Page - Texas Instruments DP83848MPHPREP Datasheet HTML 32Page - Texas Instruments DP83848MPHPREP Datasheet HTML 33Page - Texas Instruments DP83848MPHPREP Datasheet HTML 34Page - Texas Instruments DP83848MPHPREP Datasheet HTML 35Page - Texas Instruments DP83848MPHPREP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
RX_DATA
RX_CLK
REFERENCE CLOCK
TD± RD±
LEDs
MII/RMII/SNI Interfaces
Auto-MDIX
DAC
ADC
JTAG
MII/RMII/SNI
Serial
Management
TX_DATA
TX_CLK
10Base-T and
100Base-TX
10Base-T and
100Base-TX
Transmit
Block
Receive
Block
MI
Registers
Auto-Negotiation
State Machine
Clock
Generation
Boundary
Scan
LED
Drivers
32
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
5
Detailed Description
5.1
Overview
The device is 10/100 Mbps Ethernet transceiver with an extended temperature range of –55°C to 125°C.
The ability to perform over extreme temperatures makes this device ideal for demanding environments like
automotive, transportation and industrial applications.
The DP83848-EP operates on a 3.3-V supply voltage with a typical 270-mW typical power consumption
making this device suitable for low power applications.
The device has Auto MDIX capability to select MDI or MDIX automatically. The device supports Auto-
Negotiation for selecting the highest performance mode of operation. This functionality can be turned off if
a particular mode is to be forced.
The device supports MII, RMII, and SNI interfaces thus being more flexible and increasing the number of
compatible MPU. Interface options can be selected using strap options or register control. The device
operates with 25-MHz clock when in MII mode and requires a 50-MHz clock when in RMII mode.
5.2
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com