Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 6Page - Texas Instruments DP83848MPHPREP Datasheet HTML 7Page - Texas Instruments DP83848MPHPREP Datasheet HTML 8Page - Texas Instruments DP83848MPHPREP Datasheet HTML 9Page - Texas Instruments DP83848MPHPREP Datasheet HTML 10Page - Texas Instruments DP83848MPHPREP Datasheet HTML 11Page - Texas Instruments DP83848MPHPREP Datasheet HTML 12Page - Texas Instruments DP83848MPHPREP Datasheet HTML 13Page - Texas Instruments DP83848MPHPREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
10
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Pin Configuration and Functions
Copyright © 2012–2019, Texas Instruments Incorporated
(1)
The DP83848-EP uses many of the functional pins as strap options. The values of these pins are sampled during reset and used to
strap the device into specific modes of operation. The functional pin name is indicated in parentheses.
(2)
A 2.2-kΩ resistor should be used for pulldown or pullup to change the default strap option. If the default option is required, then there is
no need for external pullup or pulldown resistors. Since these pins may have alternate functions after reset is deasserted, they should
not be connected directly to VCC or GND.
Table 3-8. Strap Options(1)(2)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
PHYAD0 (COL)
42
S, O, PU
PHY ADDRESS [4:0]: The DP83848-EP provides five PHY address pins, the state of which are latched into the
PHYCTRL register at system Hardware-Reset.
PHYAD1 (RXD_0)
43
S, O, PD
The DP83848-EP supports PHY Address strapping values 0 (<00000>) through 31 (<11111>). A PHY Address of 0
puts the part into the MII Isolate Mode. The MII isolate mode must be selected by strapping Phy Address 0; changing
to Address 0 by register write will not put the Phy in the MII isolate mode. Please refer to Section 5.4.4.1 for
additional information.
PHYAD2 (RXD_1)
44
PHYAD0: This pin has weak internal pullup resistor.
PHYAD3 (RXD_2)
45
PHYAD[4:1]: These pins have weak internal pulldown resistors.
PHYAD4 (RXD_3)
46
AN_EN
(LED_ACT/COL)
26
S, O, PU
Auto-Negotiation Enable: When high, this enables Auto-Negotiation with the capability set by ANO and AN1 pins.
When low, this puts the part into Forced Mode with the capability set by AN0 and AN1 pins.
AN_1
(LED_SPEED)
27
AN0 / AN1: These input pins control the forced or advertised operating mode of the DP83848-EP according to the
following table. The value on these pins is set by connecting the input pins to GND (0) or VCC (1) through 2.2-kΩ
resistors. These pins should NEVER be connected directly to GND or VCC.
AN_0 (LED_LINK)
28
The value set at this input is latched into the DP83848-EP at Hardware-Reset.
The float/pulldown status of these pins are latched into the Basic Mode Control Register and the Auto_Negotiation
Advertisement Register during Hardware-Reset.
The default is 111 since these pins have internal pullups.
AN_EN
AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half-Duplex
0
0
1
10BASE-T, Full-Duplex
0
1
0
100BASE-TX, Half-Duplex
0
1
1
100BASE-TX, Full-Duplex
AN_EN
AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half/Full-Duplex
1
0
1
100BASE-TX, Half/Full-Duplex
1
1
0
10BASE-T Half-Duplex
100BASE-TX, Half-Duplex
1
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX, Half/Full-Duplex
MII_MODE
(RX_DV)
39
S, O, PD
MII MODE SELECT: This strapping option pair determines the operating mode of the MAC Data Interface. Default
operation (No pullups) will enable normal MII Mode of operation. Strapping MII_MODE high will cause the device to
be in RMII or SNI mode of operation, determined by the status of the SNI_MODE strap. Since the pins include
internal pulldowns, the default values are 0.
SNI_MODE
(TXD_3)
6
The following table details the configurations:
MII_MODE
SNI_MODE
MAC Interface Mode
0
X
MII Mode
1
0
RMII Mode
1
1
10-Mb SNI Mode
LED_CFG (CRS)
40
S, O, PU
LED CONFIGURATION: This strapping option determines the mode of operation of the LED pins. Default is Mode 1.
Mode 1 and Mode 2 can be controlled via the strap option. All modes are configurable via register access.
See Table 5-2 for LED Mode Selection.
MDIX_EN (RX_ER)
41
S, O, PU
MDIX ENABLE: Default is to enable MDIX. This strapping option disables Auto-MDIX. An external pulldown will
disable Auto- MDIX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com