Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 3Page - Texas Instruments DP83848MPHPREP Datasheet HTML 4Page - Texas Instruments DP83848MPHPREP Datasheet HTML 5Page - Texas Instruments DP83848MPHPREP Datasheet HTML 6Page - Texas Instruments DP83848MPHPREP Datasheet HTML 7Page - Texas Instruments DP83848MPHPREP Datasheet HTML 8Page - Texas Instruments DP83848MPHPREP Datasheet HTML 9Page - Texas Instruments DP83848MPHPREP Datasheet HTML 10Page - Texas Instruments DP83848MPHPREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
7
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Pin Configuration and Functions
Copyright © 2012–2019, Texas Instruments Incorporated
Table 3-1. Package Pin Assignments (continued)
PIN NUMBER
PIN NAME
46
PHYAD4(RXD_3)
47
IOGND
48
IOVDD33
49
DAP (Die Attach Pad/Thermal Pad)
Table 3-2. Serial Management Interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
MDC
31
I
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO management data input/output serial interface
which may be asynchronous to transmit and receive clocks. The maximum clock rate is 25 MHz with no minimum
clock rate.
MDIO
30
I/O
MANAGEMENT DATA I/O: Bi-directional management instruction/ data signal that may be sourced by the
station management entity or the PHY. This pin requires a 1.5-kΩ pullup resistor.
Table 3-3. MAC Data Interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
TX_CLK
1
O
MII TRANSMIT CLOCK: 25-MHz transmit clock output in 100-Mbps mode or 2.5 MHz in 10-Mbps mode
derived from the 25-MHz reference clock.
Unused in RMII mode. The device uses the X1 reference clock input as the 50-MHz reference for both transmit
and receive.
SNI TRANSMIT CLOCK: 10-MHz transmit clock output in 10-Mb SNI mode. The MAC should source TX_EN
and TXD_0 using this clock.
TX_EN
2
I, PD
MII TRANSMIT ENABLE: Active high input indicates the presence of valid data inputs on TXD[3:0].
RMII TRANSMIT ENABLE: Active high input indicates the presence of valid data on TXD[1:0].
SNI TRANSMIT ENABLE: Active high input indicates the presence of valid data on TXD_0.
TXD_0
3
I
MII TRANSMIT DATA: Transmit data MII input pins, TXD[3:0], that accept data synchronous to the TX_CLK
(2.5 MHz in 10-Mbps mode or 25 MHz in 100-Mbps mode).
TXD_1
4
RMII TRANSMIT DATA: Transmit data RMII input pins, TXD[1:0], that accept data synchronous to the 50-MHz
reference clock.
TXD_2
5
SNI TRANSMIT DATA: Transmit data SNI input pin, TXD_0, that accept data synchronous to the TX_CLK (10
MHz in 10-Mbps SNI mode).
TXD_3
6
S, I, PD
RX_CLK
38
O
MII RECEIVE CLOCK: Provides the 25-MHz recovered receive clocks for 100-Mbps mode and 2.5 MHz for 10-
Mbps mode.
Unused in RMII mode. The device uses the X1 reference clock input as the 50-MHz reference for both transmit
and receive.
SNI RECEIVE CLOCK: Provides the 10-MHz recovered receive clocks for 10-Mbps SNI mode.
RX_DV
39
S, O, PD
MII RECEIVE DATA VALID: Asserted high to indicate that valid data is present on the corresponding RXD[3:0].
MII mode by default with internal pulldown.
RMII Synchronous Receive Data Valid: This signal provides the RMII Receive Data Valid indication
independent of Carrier Sense.
This pin is not used in SNI mode.
RX_ER
41
S, O, PU
MII RECEIVE ERROR: Asserted high synchronously to RX_CLK to indicate that an invalid symbol has been
detected within a received packet in 100-Mbps mode.
RMII RECEIVE ERROR: Assert high synchronously to X1 whenever it detects a media error and RXDV is
asserted in 100-Mbps mode.
This pin is not required to be used by a MAC, in either MII or RMII mode, since the Phy is required to corrupt
data on a receive error.
This pin is not used in SNI mode.
RXD_0
43
S, O, PD
MII RECEIVE DATA: Nibble-wide receive data signals driven synchronously to the RX_CLK (25 MHz for 100-
Mbps mode, 2.5 MHz for 10-Mbps mode). RXD[3:0] signals contain valid data when RX_DV is asserted.
RXD_1
44
RMII RECEIVE DATA: 2-bits receive data signals, RXD[1:0], driven synchronously to the X1 clock, 50 MHz.
RXD_2
45
SNI RECEIVE DATA: Receive data signal, RXD_0, driven synchronously to the RX_CLK. RXD_0 contains
valid data when CRS is asserted. RXD[3:1] are not used in this mode.
RXD_3
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com