Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 70 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 66Page - Texas Instruments DP83848MPHPREP Datasheet HTML 67Page - Texas Instruments DP83848MPHPREP Datasheet HTML 68Page - Texas Instruments DP83848MPHPREP Datasheet HTML 69Page - Texas Instruments DP83848MPHPREP Datasheet HTML 70Page - Texas Instruments DP83848MPHPREP Datasheet HTML 71Page - Texas Instruments DP83848MPHPREP Datasheet HTML 72Page - Texas Instruments DP83848MPHPREP Datasheet HTML 73Page - Texas Instruments DP83848MPHPREP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
70
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
Table 5-24. RMII and Bypass Register (RBR), Addresses 0x17 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
1:0
ELAST_BUF[1:0]
01, RW
Receive Elasticity Buffer:
This field controls the Receive Elasticity Buffer which allows for
frequency variation tolerance between the 50MHz RMII clock and the
recovered data. The following values indicate the tolerance in bits for
a single packet. The minimum setting allows for standard Ethernet
frame sizes at ±50ppm accuracy for both RMII and Receive clocks.
For greater frequency tolerance the packet lengths may be scaled (i.e.
for ±100ppm, the packet lengths need to be divided by 2).
00 = 14 bit tolerance (up to 16800 byte packets)
01 = 2 bit tolerance (up to 2400 byte packets)
10 = 6 bit tolerance (up to 7200 byte packets)
11 = 10 bit tolerance (up to 12000 byte packets)
5.6.2.8
LED Direct Control Register (LEDCR)
This register provides the ability to directly control any or all LED outputs. It does not provide read access
to LEDs.
Table 5-25. LED Direct Control Register (LEDCR), Address 0x18
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:6
RESERVED
0, RO
Reserved: Writes ignored, Read as 0
5
DRV_SPDLED
0, RW
1 = Drive value of SPDLED bit onto LED_SPD output
0 = Normal operation
4
DRV_LNKLED
0, RW
1 = Drive value of LNKLED bit onto LED_LNK output
0 = Normal operation
3
DRV_ACTLED
0, RW
1 = Drive value of ACTLED bit onto LED_ACT/COL output
0 = Normal operation
2
SPDLED
0, RW
Value to force on LED_SPD output
1
LNKLED
0, RW
Value to force on LED_LNK output
0
ACTLED
0, RW
Value to force on LED_ACT/COL output
5.6.2.9
PHY Control Register (PHYCR)
Table 5-26. PHY Control Register (PHYCR), Address 0x19
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
MDIX_EN
Strap, RW
Auto-MDIX Enable:
1 = Enable Auto-neg Auto-MDIX capability
0 = Disable Auto-neg Auto-MDIX capability
The Auto-MDIX algorithm requires that the Auto-Negotiation Enable bit
in the BMCR register to be set. If Auto-Negotiation is not enabled, Auto-
MDIX should be disabled as well.
14
FORCE_MDIX
0, RW
Force MDIX:
1 = Force MDI pairs to cross
(Receive on TPTD pair, Transmit on TPRD pair)
0 = Normal operation
13
PAUSE_RX
0, RO
Pause Receive Negotiated:
Indicates that pause receive should be enabled in the MAC. Based on
ANAR[11:10] and ANLPAR[11:10] settings.
This function shall be enabled according to IEEE 802.3 Annex 28B
Table 28B-3, “Pause Resolution”, only if the Auto-Negotiated Highest
Common Denominator is a full duplex technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com