Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 2Page - Texas Instruments DP83848MPHPREP Datasheet HTML 3Page - Texas Instruments DP83848MPHPREP Datasheet HTML 4Page - Texas Instruments DP83848MPHPREP Datasheet HTML 5Page - Texas Instruments DP83848MPHPREP Datasheet HTML 6Page - Texas Instruments DP83848MPHPREP Datasheet HTML 7Page - Texas Instruments DP83848MPHPREP Datasheet HTML 8Page - Texas Instruments DP83848MPHPREP Datasheet HTML 9Page - Texas Instruments DP83848MPHPREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
6
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Pin Configuration and Functions
Copyright © 2012–2019, Texas Instruments Incorporated
3.1
Package Pin Assignments
Table 3-1. Package Pin Assignments
PIN NUMBER
PIN NAME
1
TX_CLK
2
TX_EN
3
TXD_0
4
TXD_1
5
TXD_2
6
SNI_MODE(TXD_3)
7
PWR_DOWN(INT)
8
TCK
9
TDO
10
TMS
11
TRST
12
TDI
13
RD–
14
RD+
15
AGND
16
TD–
17
TD+
18
PFBIN1
19
AGND
20
RESERVED
21
RESERVED
22
AVDD33
23
PFBOUT
24
RBIAS
25
25MHz_OUT
26
AN_EN(LED_ACT/COL)
27
AN_1(LED_SPEED)
28
AN_0(LED_LINK)
29
RESET_N
30
MDIO
31
MDC
32
IOVDD33
33
X2
34
X1
35
IOGND
36
DGND
37
PFBIN2
38
RX_CLK
39
RX_DV(MII_MODE)
40
CRS/CRS_DV(LED_CFG)
41
MDIX_EN(RX_ER)
42
PHYAD0(COL)
43
PHYAD1(RXD_0)
44
PHYAD2(RXD_1)
45
PHYAD3(RXD_2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com